Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21CVK Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MC9328MX21CVK
Description  i.MX family of microprocessors
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21CVK Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21CVK Datasheet HTML 65Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 66Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 67Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 68Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 69Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9328MX21CVK Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
Specifications
MC9328MX21 Technical Data, Rev. 3.1
Freescale Semiconductor
69
Figure 59. WSC = 3, WEA = 1, WEN = 3, A.WORD/E.HALF
hclk
hselm_weim_cs[3]
htrans
hwrite
haddr
hready
weim_hready
BCLK
A[24:0]
CS[3]
R/W
LBA
OE
D[31:0]
weim_hrdata
EB
hwdata
Write
Nonseq
V1
Last Valid
Data
Address V1
Write Data (V1 Word)
Address V1 + 2
Last Valid Addr
1/2 Half Word
2/2 Half Word
Last Valid Data
Write
Last Valid Data
Note: Signals listed with lower case letters are internal to the device.


Similar Part No. - MC9328MX21CVK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21CVK MOTOROLA-MC9328MX21CVK Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21CVK FREESCALE-MC9328MX21CVK Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21CVK FREESCALE-MC9328MX21CVK Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CVK NXP-MC9328MX21CVK Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CVK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com