Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-71543 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # MGA-71543
Description  Low Noise Amplifier with Mitigated Bypass Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-71543 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button MGA-71543_04 Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA-71543_04 Datasheet HTML 9Page - Agilent(Hewlett-Packard) MGA-71543_04 Datasheet HTML 10Page - Agilent(Hewlett-Packard) MGA-71543_04 Datasheet HTML 11Page - Agilent(Hewlett-Packard) MGA-71543_04 Datasheet HTML 12Page - Agilent(Hewlett-Packard) MGA-71543_04 Datasheet HTML 13Page - Agilent(Hewlett-Packard) MGA-71543_04 Datasheet HTML 14Page - Agilent(Hewlett-Packard) MGA-71543_04 Datasheet HTML 15Page - Agilent(Hewlett-Packard) MGA-71543_04 Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
HE
D
A2
A1
b
b1
E
1.30 (.051)
BSC
1.15 (.045) BSC
C
L
A
DIMENSIONS (mm)
MIN.
1.15
1.85
1.80
0.80
0.80
0.00
0.25
0.55
0.10
0.10
MAX.
1.35
2.25
2.40
1.10
1.00
0.10
0.40
0.70
0.20
0.46
SYMBOL
E
D
HE
A
A2
A1
b
b1
c
L
NOTES:
1. All dimensions are in mm.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to EIAJ SC70.
5. Die is facing up for mold and facing down for trim/form,
ie: reverse trim/form.
6. Package surface to be mirror finish.
Package Dimensions
Outline 43
SOT-343 (SC70 4-lead)
Part Number Ordering Information
No. of
Part Number
Devices
Container
MGA-71543-TR1
3000
7" Reel
MGA-71543-TR2
10000
13" Reel
MGA-71543-BLK
100
antistatic bag
MGA-71543-TR1G
3000
7" Reel
MGA-71543-TR2G
10000
13" Reel
MGA-71543-BLKG
100
antistatic bag
Note:
For lead-free option, the part number will have the
character “G” at the end.


Similar Part No. - MGA-71543_04

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-71543-BLK HP-MGA-71543-BLK Datasheet
290Kb / 25P
   Low Noise Amplifier with Mitigated Bypass Switch
MGA-71543-TR1 HP-MGA-71543-TR1 Datasheet
290Kb / 25P
   Low Noise Amplifier with Mitigated Bypass Switch
MGA-71543-TR2 HP-MGA-71543-TR2 Datasheet
290Kb / 25P
   Low Noise Amplifier with Mitigated Bypass Switch
More results

Similar Description - MGA-71543_04

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA71543 HP-MGA71543 Datasheet
290Kb / 25P
   Low Noise Amplifier with Mitigated Bypass Switch
logo
Broadcom Corporation.
DEMO-MGA-71543 BOARDCOM-DEMO-MGA-71543 Datasheet
564Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
MGA-71543 BOARDCOM-MGA-71543 Datasheet
564Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
DEMO-MGA-7X543B BOARDCOM-DEMO-MGA-7X543B Datasheet
564Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com