Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C256B-10XB1TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27C256B-10XB1TR
Description  256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C256B-10XB1TR Datasheet(HTML) 1 Page - STMicroelectronics

  M27C256B-10XB1TR Datasheet HTML 1Page - STMicroelectronics M27C256B-10XB1TR Datasheet HTML 2Page - STMicroelectronics M27C256B-10XB1TR Datasheet HTML 3Page - STMicroelectronics M27C256B-10XB1TR Datasheet HTML 4Page - STMicroelectronics M27C256B-10XB1TR Datasheet HTML 5Page - STMicroelectronics M27C256B-10XB1TR Datasheet HTML 6Page - STMicroelectronics M27C256B-10XB1TR Datasheet HTML 7Page - STMicroelectronics M27C256B-10XB1TR Datasheet HTML 8Page - STMicroelectronics M27C256B-10XB1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
May 2006
Rev 2
1/24
1
M27C256B
256 Kbit (32Kb × 8) UV EPROM and OTP EPROM
Feature summary
5V ± 10% supply voltage in Read operation
Access time: 45ns
Low power consumption:
– Active Current 30mA at 5MHz
– Standby Current 100µA
Programming voltage: 12.75V ± 0.25V
Programming time: 100µs/Word
Electronic signature
– Manufacturer Code: 20h
– Device Code: 8Dh
ECOPACK® packages available
1
28
28
1
FDIP28W (F)
PDIP28 (B)
PLCC32 (C)
www.st.com


Similar Part No. - M27C256B-10XB1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B-10XB1TR STMICROELECTRONICS-M27C256B-10XB1TR Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
More results

Similar Description - M27C256B-10XB1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B-12F1 STMICROELECTRONICS-M27C256B-12F1 Datasheet
203Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
M27W256 STMICROELECTRONICS-M27W256 Datasheet
101Kb / 15P
   256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27V256 STMICROELECTRONICS-M27V256 Datasheet
103Kb / 15P
   256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com