Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3028A Datasheet(PDF) 2 Page - Harris Corporation

Part # CA3028A
Description  Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3028A Datasheet(HTML) 2 Page - Harris Corporation

  CA3028A Datasheet HTML 1Page - Harris Corporation CA3028A Datasheet HTML 2Page - Harris Corporation CA3028A Datasheet HTML 3Page - Harris Corporation CA3028A Datasheet HTML 4Page - Harris Corporation CA3028A Datasheet HTML 5Page - Harris Corporation CA3028A Datasheet HTML 6Page - Harris Corporation CA3028A Datasheet HTML 7Page - Harris Corporation CA3028A Datasheet HTML 8Page - Harris Corporation CA3028A Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Operating Conditions
Thermal Information
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
Metal Can Package . . . . . . . . . . . . . . .
225
140
PDIP Package . . . . . . . . . . . . . . . . . . .
155
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
185
N/A
Maximum Junction Temperature (Metal Can Package). . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Absolute Maximum Voltage Ratings TA = 25oC
Absolute Maximum
Current Ratings
The following chart gives the range of voltages which can be applied to the terminals listed horizontally with
respect to the terminals listed vertically. For example, the voltage range of the horizontal Terminal 4 with
respect to Terminal 2 is -1V to +5V.
TERM
NO.
12345678
TERM
NO.
IIN
mA
IOUT
mA
1
0 to -15
0 to -15
0 to -15
+5 to -5
Note 3
Note 3
+20 to 0
1
0.6
0.1
2
+5 to -11
+5 to -1
+15 to 0
Note 3
+15 to 0
Note 3
2
4
0.1
3 (Note 2)
+10 to 0
+15 to 0
+24 to 0
+15 to 0
+24 to 0
3
0.1
23
4
+15 to 0
Note 3
Note 3
Note 3
4
20
0.1
5
+20 to 0
Note 3
Note 3
5
0.6
0.1
6
Note 3
Note 3
6
20
0.1
7
Note 3
7
4
0.1
8
8
20
0.1
NOTES:
2. Terminal No. 3 is connected to the substrate and case.
3. Voltages are not normally applied between these terminals. Voltages appearing between these terminals
will be safe, if the specified voltage limits between all other terminals are not exceeded.
Electrical Specifications
TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Input Bias Current (Figures 1, 10)
II
VCC = 6V, VEE = -6V
-
16.6
70
µA
VCC = 12V, VEE = -12V
-
36
106
µA
Quiescent Operating Current (Figures 1,11, 12)
I6, I8
VCC = 6V, VEE = -6V
0.8
1.25
2.0
mA
VCC = 12V, VEE = -12V
2.0
3.3
5.0
mA
AGC Bias Current (Into Constant Current Source
Terminal 7) (Figures 2, 13)
I7
VCC = 12V, VAGC = 9V
-
1.28
-
mA
VCC = 12V, VAGC = 12V
-
1.65
-
mA
Input Current (Terminal 7)
I7
VCC = 6V, VEE = -6V
0.5
0.85
1.0
mA
VCC = 12V, VEE = -12V
1.0
1.65
2.1
mA
Power Dissipation (Figures 1, 14)
PT
VCC = 6V, VEE = -6V
24
36
54
mW
VCC = 12V, VEE = -12V
120
175
260
mW
CA3028A


Similar Part No. - CA3028A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028A HARRIS-CA3028A Datasheet
109Kb / 12P
   Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028AE INTERSIL-CA3028AE Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028AE HARRIS-CA3028AE Datasheet
109Kb / 12P
   Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
CA3028AM HARRIS-CA3028AM Datasheet
109Kb / 12P
   Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
More results

Similar Description - CA3028A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028A HARRIS-CA3028A Datasheet
109Kb / 12P
   Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
logo
NTE Electronics
NTE724 NTE-NTE724 Datasheet
25Kb / 3P
   Integrated Circuit Differential/Cascode Amplifier
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416_08 Datasheet
288Kb / 8P
   RF Cascode Amplifier
Rev. 2.1, April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com