Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C4002-80F1TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # M27C4002-80F1TR
Description  4 Mbit (256Kb x16) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4002-80F1TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M27C4002-80F1TR Datasheet HTML 5Page - STMicroelectronics M27C4002-80F1TR Datasheet HTML 6Page - STMicroelectronics M27C4002-80F1TR Datasheet HTML 7Page - STMicroelectronics M27C4002-80F1TR Datasheet HTML 8Page - STMicroelectronics M27C4002-80F1TR Datasheet HTML 9Page - STMicroelectronics M27C4002-80F1TR Datasheet HTML 10Page - STMicroelectronics M27C4002-80F1TR Datasheet HTML 11Page - STMicroelectronics M27C4002-80F1TR Datasheet HTML 12Page - STMicroelectronics M27C4002-80F1TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
M27C4002
Device operation
9/24
2.4
System considerations
The power switching characteristics of Advanced CMOS EPROMs require careful
decoupling of the devices. The supply current, ICC, has three segments that are of interest to
the system designer: the standby current level, the active current level, and transient current
peaks that are produced by the falling and rising edges of E. The magnitude of the transient
current peaks is dependent on the output capacitive and inductive loading of the device. The
associated transient voltage peaks can be suppressed by complying with the two line output
control and by properly selected decoupling capacitors. It is recommended that a 0.1µF
ceramic capacitor be used on every device between VCC and VSS. This should be a high
frequency capacitor of low inherent inductance and should be placed as close to the device
as possible. In addition, a 4.7µF bulk electrolytic capacitor should be used between VCC and
VSS for every eight devices. The bulk capacitor should be located near the power supply
connection point.The purpose of the bulk capacitor is to overcome the voltage drop caused
by the inductive effects of PCB traces.
2.5
Programming
When delivered (and after each erasure for UV EPROM), all bits of the M27C4002 are in the
'1' state. Data is introduced by selectively programming '0's into the desired bit locations.
Although only '0's will be programmed, both '1's and '0's can be present in the data word.
The only way to change a '0' to a '1' is by die exposure to ultraviolet light (UV EPROM). The
M27C4002 is in the programming mode when VPP input is at 12.75V, G is at VIH and E is
pulsed to VIL. The data to be programmed is applied to 16 bits in parallel to the data output
pins. The levels required for the address and data inputs are TTL. VCC is specified to be
6.25V ± 0.25V.
2.6
PRESTO II programming algorithm
PRESTO II Programming Algorithm allows the whole array to be programmed with a
guaranteed margin, in a typical time of 26.5 seconds. Programming with PRESTO II
consists of applying a sequence of 100µs program pulses to each byte until a correct verify
occurs (see Figure 5). During programming and verify operation, a MARGIN MODE circuit is
automatically activated in order to guarantee that each cell is programmed with enough
margin. No overprogram pulse is applied since the verify in MARGIN MODE provides
necessary margin to each programmed cell.


Similar Part No. - M27C4002-80F1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4002-80F1TR STMICROELECTRONICS-M27C4002-80F1TR Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
More results

Similar Description - M27C4002-80F1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
July 2000
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
   4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com