Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C4001-80F1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27C4001-80F1
Description  4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4001-80F1 Datasheet(HTML) 1 Page - STMicroelectronics

  M27C4001-80F1 Datasheet HTML 1Page - STMicroelectronics M27C4001-80F1 Datasheet HTML 2Page - STMicroelectronics M27C4001-80F1 Datasheet HTML 3Page - STMicroelectronics M27C4001-80F1 Datasheet HTML 4Page - STMicroelectronics M27C4001-80F1 Datasheet HTML 5Page - STMicroelectronics M27C4001-80F1 Datasheet HTML 6Page - STMicroelectronics M27C4001-80F1 Datasheet HTML 7Page - STMicroelectronics M27C4001-80F1 Datasheet HTML 8Page - STMicroelectronics M27C4001-80F1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
March 2006
Rev 4
1/24
1
M27C4001
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
Feature summary
5V ± 10% supply voltage in Read operation
Access time: 35ns
Low power consumption:
– Active Current 30mA at 5MHz
– Standby Current 100µA
Programming voltage: 12.75V ± 0.25V
Programming time: 100µs/Word
Electronic signature
– Manufacturer Code: 20h
– Device Code: 41h
Packages
– ECOPACK® compliant versions
FDIP32W (F)
PLCC32 (C)
TSOP32 (N) 8 x 20 mm
1
32
32
1
PDIP32 (B)
www.st.com


Similar Part No. - M27C4001-80F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4001-80F1TR STMICROELECTRONICS-M27C4001-80F1TR Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
M27C4001-80F1X STMICROELECTRONICS-M27C4001-80F1X Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
More results

Similar Description - M27C4001-80F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4001-10F1 STMICROELECTRONICS-M27C4001-10F1 Datasheet
220Kb / 24P
   4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
   4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
August 2008 Rev 3
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
   4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
   4 Mbit (512Kb x 8) OTP EPROM
March 1999
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com