Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M25P64 Datasheet(PDF) 44 Page - STMicroelectronics

Part # M25P64
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M25P64_07 Datasheet HTML 40Page - STMicroelectronics M25P64_07 Datasheet HTML 41Page - STMicroelectronics M25P64_07 Datasheet HTML 42Page - STMicroelectronics M25P64_07 Datasheet HTML 43Page - STMicroelectronics M25P64_07 Datasheet HTML 44Page - STMicroelectronics M25P64_07 Datasheet HTML 45Page - STMicroelectronics M25P64_07 Datasheet HTML 46Page - STMicroelectronics M25P64_07 Datasheet HTML 47Page - STMicroelectronics M25P64_07 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
DC and AC parameters
M25P64
44/49
Figure 23.
Hold timing
Figure 24.
Output timing
Figure 25.
VPPH timing
C
Q
AI02032
S
D
HOLD
tCHHL
tHLCH
tHHCH
tCHHH
tHHQX
tHLQZ
C
Q
AI01449e
S
LSB OUT
D
ADDR
LSB IN
tSHQZ
tCH
tCL
tQLQH
tQHQL
tCLQX
tCLQV
tCLQX
tCLQV
S
C
D
W/VPP
VPPH
PP, SE, BE
ai12092
tVPPHSL
End of PP, SE or BE
(identified by WPI polling)


Similar Part No. - M25P64_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P64-VME6 STMICROELECTRONICS-M25P64-VME6 Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P64-VME6G STMICROELECTRONICS-M25P64-VME6G Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
logo
Numonyx B.V
M25P64-VME6G NUMONYX-M25P64-VME6G Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P64-VME6P STMICROELECTRONICS-M25P64-VME6P Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
logo
Numonyx B.V
M25P64-VME6P NUMONYX-M25P64-VME6P Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
More results

Similar Description - M25P64_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P10-A STMICROELECTRONICS-M25P10-A_06 Datasheet
392Kb / 49P
   1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
logo
Numonyx B.V
M25P20 NUMONYX-M25P20 Datasheet
962Kb / 50P
   2 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
logo
STMicroelectronics
M25P128 STMICROELECTRONICS-M25P128 Datasheet
303Kb / 41P
   128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
   64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
logo
AMIC Technology
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
   4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com