Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC190PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC190PW
Description  SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC190PW Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC190PW Datasheet HTML 1Page - Texas Instruments CD74HC190PW Datasheet HTML 2Page - Texas Instruments CD74HC190PW Datasheet HTML 3Page - Texas Instruments CD74HC190PW Datasheet HTML 4Page - Texas Instruments CD74HC190PW Datasheet HTML 5Page - Texas Instruments CD74HC190PW Datasheet HTML 6Page - Texas Instruments CD74HC190PW Datasheet HTML 7Page - Texas Instruments CD74HC190PW Datasheet HTML 8Page - Texas Instruments CD74HC190PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
CD54HC190, CD74HC190
CD54HC191, CD74HC191, CD54HCT191, CD74HCT191
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SCHS275E − MARCH 2002 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 6-V VCC Operation (’HC190, 191)
D 4.5-V to 5.5-V VCC Operation (’HCT191)
D Wide Operating Temperature Range of
−55
°C to 125°C
D Synchronous Counting and Asynchronous
Loading
D Two Outputs for n-Bit Cascading
D Look-Ahead Carry for High-Speed Counting
D Balanced Propagation Delays and
Transition Times
D Standard Outputs Drive Up To 15 LS-TTL
Loads
D Significant Power Reduction Compared to
LS-TTL Logic ICs
description/ordering information
The CD54/74HC190 are asynchronously presettable BCD decade counters, whereas the CD54/74HC191 and
CD54/74HCT191 are asynchronously presettable binary counters.
Presetting the counter to the number on preset data inputs (A−D) is accomplished by a low asynchronous
parallel load (LOAD) input. Counting occurs when LOAD is high, count enable (CTEN) is low, and the down/up
(D/U) input is either high for down counting or low for up counting. The counter is decremented or incremented
synchronously with the low-to-high transition of the clock.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
CD74HC190E
CD74HC190E
PDIP − E
Tube of 25
CD74HC191E
CD74HC191E
PDIP − E
Tube of 25
CD74HCT191E
CD74HCT191E
Tube of 40
CD74HC191M
SOIC − M
Reel of 2500
CD74HC191M96
HC191M
SOIC − M
Reel of 250
CD74HC191MT
HC191M
−55
°C to 125°C
Tube of 40
CD74HCT191M
HCT191M
−55
°C to 125°C
SOP − NS
Reel of 2000
CD74HC190NSR
HC190M
Tube of 90
CD74HC190PW
TSSOP − PW
Reel of 2000
CD74HC190PWR
HJ190
TSSOP − PW
Reel of 250
CD74HC190PWT
HJ190
CD54HC190F3A
CD54HC190F3A
CDIP − F
Tube of 25
CD54HC191F3A
CD54HC191F3A
CDIP − F
Tube of 25
CD54HCT191F3A
CD54HCT191F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
CD54HC190, 191; CD54HCT191...F PACKAGE
CD74HC190 . . . E, NS, OR PW PACKAGE
CD74HC191, CD74HCT191 ...E OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B
QB
QA
CTEN
D/U
QC
QD
GND
VCC
A
CLK
RCO
MAX/MIN
LOAD
C
D
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD74HC190PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190PW TI1-CD74HC190PW Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD74HC190PWR TI1-CD74HC190PWR Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD74HC190PWT TI1-CD74HC190PWT Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
More results

Similar Description - CD74HC190PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54190 TI-SN54190 Datasheet
512Kb / 14P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SN54190 TI1-SN54190_13 Datasheet
1Mb / 16P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD54HC190 TI1-CD54HC190_15 Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
National Semiconductor ...
MM54HC190 NSC-MM54HC190 Datasheet
202Kb / 8P
   MM54HC190/MM74HC190 Synchronous Decade Up/Down Counters with Mode Control MM54HC191/MM74HC191 Synchronous Binary Up/Down Counters with Mode Control
DM54LS190 NSC-DM54LS190 Datasheet
174Kb / 8P
   Synchronous 4-Bit Up/Down Counters with Mode Control
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
   Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
Hitachi Semiconductor
HD74LS668 HITACHI-HD74LS668 Datasheet
103Kb / 7P
   Synchronous Up/Down Decade Counters
logo
National Semiconductor ...
MM54HCT193 NSC-MM54HCT193 Datasheet
117Kb / 8P
   Synchronous Binary Up/Down Counters
January 1988
logo
Microsemi Corporation
TSC373 MICROSEMI-TSC373 Datasheet
1Mb / 4P
   Up-Down Counters
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com