Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BQ2011 Datasheet(PDF) 1 Page - Texas Instruments

Part No. BQ2011
Description  Gas Gauge IC for High Discharge Rates
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

BQ2011 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2011_05 Datasheet HTML 1Page - Texas Instruments BQ2011_05 Datasheet HTML 2Page - Texas Instruments BQ2011_05 Datasheet HTML 3Page - Texas Instruments BQ2011_05 Datasheet HTML 4Page - Texas Instruments BQ2011_05 Datasheet HTML 5Page - Texas Instruments BQ2011_05 Datasheet HTML 6Page - Texas Instruments BQ2011_05 Datasheet HTML 7Page - Texas Instruments BQ2011_05 Datasheet HTML 8Page - Texas Instruments BQ2011_05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
➤ Conservative and repeatable
measurement of available charge
in rechargeable batteries
➤ Designed for portable equipment
such as power tools with high dis-
charge rates
➤ Designed for battery pack inte-
gration
- 120µA typical standby current
(self-discharge estimation mode)
- Small size enables imple-
mentations in as little as 1
2
square inch of PCB
➤ Direct drive of LEDs for capacity
display
➤ Self-discharge compensation us-
ing internal temperature sensor
➤ Simple single-wire serial commu-
nications port for subassembly
testing
➤ 16-pin narrow SOIC
General Description
The bq2011 Gas Gauge IC is intended
for battery-pack installation to main-
tain an accurate record of available
battery charge. The IC monitors a
voltage drop across a sense resistor
connected in series between the nega-
tive battery terminal and ground to
determine charge and discharge ac-
tivity of the battery. The bq2011 is
designed for systems such as power
tools with very high discharge rates.
Battery self-discharge is estimated
based on an internal timer and tem-
perature sensor. Compensations for
battery temperature and rate of
charge or discharge are applied to
the c harge , disc harge , and
selfdischarge calculations to provide
available charge information across
a wide range of operating conditions.
Initial battery capacity is set using
the PFC and MODE pins.
Actual
battery capacity is automatically
“learned” in the course of a dis-
charge cycle from full to empty and
may be displayed depending on the
display mode.
Nominal available charge may be di-
rectly indicated using a five-seg-
ment LED display. These segments
are used to indicate graphically the
nominal available charge.
The bq2011 supports a simple single-
line bidirectional serial link to an exter-
nal processor (common ground). The
bq2011 outputs battery information in
response to external commands over the
serial link. To support subassembly
testing, the outputs may also be con-
trolled by command. The external proc-
essor may also overwrite some of the
bq2011 gas gauge data registers.
The bq2011 may operate directly
from four cells. With the REF output
and an external transistor, a simple,
inexpensive regulator can be built to
provide VCC from a greater number
of cells.
Internal registers include available
charge, temperature, capacity, battery
ID, and battery status.
1
Gas Gauge IC for
High Discharge Rates
2/96 E
Pin Connections
Pin Names
1
PN201101.eps
16-Pin Narrow SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
REF
NC
DQ
RBI
SB
DISP
SR
MODE
SEG1
SEG2
SEG3
SEG4
SEG5
PFC
VSS
MODE
Display mode output
SEG1
LED segment 1
SEG2
LED segment 2
SEG3
LED segment 3
SEG4
LED segment 4
SEG5
LED segment 5
PFC
Programmed full count
selection input
REF
Voltage reference output
NC
No connect
DQ
Serial communications
input/output
RBI
Register backup input
SB
Battery sense input
DISP
Display control input
SR
Sense resistor input
VCC
3.0–6.5V
VSS
Negative battery terminal
bq2011


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn