Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6926D1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6926D1
Description  High efficiency monolithic synchronous step down regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926D1 Datasheet(HTML) 3 Page - STMicroelectronics

  L6926D1 Datasheet HTML 1Page - STMicroelectronics L6926D1 Datasheet HTML 2Page - STMicroelectronics L6926D1 Datasheet HTML 3Page - STMicroelectronics L6926D1 Datasheet HTML 4Page - STMicroelectronics L6926D1 Datasheet HTML 5Page - STMicroelectronics L6926D1 Datasheet HTML 6Page - STMicroelectronics L6926D1 Datasheet HTML 7Page - STMicroelectronics L6926D1 Datasheet HTML 8Page - STMicroelectronics L6926D1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
L6926
Pin settings
3/17
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top view)
1.2
Pin description
RUN
COMP
VFB
GND
1
3
2
4LX
VCC
SYNC
PGOOD
8
7
6
5
D01IN1239AMOD
Table 1. Pin description
Pin N°
Name
Description
1RUN
Shutdown input. When connected to a low level (lower than 0.4V) the device
stops working. When high (higher than 1.3V) the device is enabled.
2COMP
Error amplifier output. A compensation network has to be connected to this pin.
Usually a 220pF capacitor is enough to guarantee the loop stability.
3VFB
Error amplifier inverting input. The output voltage can be adjusted from 0.6V up
to the input voltage by connecting this pin to an external resistor divider.
4
GND
Ground.
5LX
Switch output node. This pin is internally connected to the drain of the internal
switches.
6VCC
Input voltage. The start up input voltage is 2.2V (typ) while the operating input
voltage range is from 2V to 5.5V. An internal UVLO circuit realizes a 100mV
(typ.) hysteresis.
7
SYNC
Operating mode selector input. When high (higher than 1.3V) the Low
Consumption Mode is selected. When low (lower than 0.5V) the Low Noise
Mode is selected. If connected with an appropriate external synchronization
signal (from 500KHz up to 1.4MHz) the internal synchronization circuit is
activated and the device works at the same switching frequency.
8
PGOOD
Power good comparator output. It is an open drain output. A pull-up resistor
should be connected between PGOOD and VOUT (or VCC depending on the
requirements). The pin is forced low when the output voltage is lower than 90%
of the regulated output voltage and goes high when the output voltage is greater
than 90% of the regulated output voltage. If not used the pin can be left floating.


Similar Part No. - L6926D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6926D1 STMICROELECTRONICS-L6926D1 Datasheet
119Kb / 11P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6926D1013TR STMICROELECTRONICS-L6926D1013TR Datasheet
119Kb / 11P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
More results

Similar Description - L6926D1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
   High efficiency monolithic synchronous step down regulator
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
February 2005 Rev. 2
L6926 STMICROELECTRONICS-L6926 Datasheet
119Kb / 11P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com