Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTL2107 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTL2107
Description  12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL2107 Datasheet(HTML) 2 Page - Texas Instruments

  SN74GTL2107 Datasheet HTML 1Page - Texas Instruments SN74GTL2107 Datasheet HTML 2Page - Texas Instruments SN74GTL2107 Datasheet HTML 3Page - Texas Instruments SN74GTL2107 Datasheet HTML 4Page - Texas Instruments SN74GTL2107 Datasheet HTML 5Page - Texas Instruments SN74GTL2107 Datasheet HTML 6Page - Texas Instruments SN74GTL2107 Datasheet HTML 7Page - Texas Instruments SN74GTL2107 Datasheet HTML 8Page - Texas Instruments SN74GTL2107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.ti.com
SN74GTL2107
12-BIT GTL–/GTL/GTL+ TO LVTTL TRANSLATOR
SCLS699 – JULY 2006
FUNCTION TABLES(1)
INPUTS
OUTPUT
1AO/2AO
EN1
1BI/2BI
(OPEN DRAIN)
H
L
L
H
H
H
L
X
H
(1)
H = High voltage level, L = Low voltage level
INPUTS
OUTPUT
3AO/4AO
EN2
3BI/4BI
(OPEN DRAIN)
H
L
L
H
H
H
L
X
H
INPUT
OUTPUT
9BI
9AO
L
L
H
H
INPUTS
OUTPUT
10BO1/10BO2
10AI1/10AI2
9BI
L
L
L
L
H
L
H
L
L
H
H
H
INPUTS
INPUT/OUTPUT
OUTPUT
5A/6A
7BO1/7BO2
EN2
5BI/6BI
(OPEN DRAIN)
H
L
L
H(1)
H
H
L(2)
L
H
H
H
H
L
H
L(2)
L
L
H
H
H
L
L
H
H
L
L
L(2)
H
(1)
The enable on 7BO1/7BO2 includes a delay that prevents a
transient condition (where 5BI/6BI goes from low to high, and the
low to high on 5A/6A lags up to 100 ns) from causing a low glitch
on the 7BO1/7BO2 outputs.
(2)
Open-drain input/output terminal is driven to a logic-low state by an
external driver.
INPUT/OUTPUT
INPUT
OUTPUT
11A
11BI
11BO
(OPEN DRAIN)
L
H
L
L
L(1)
H
H
L
H
(1)
Open-drain input/output terminal is driven to a logic-low state by an
external driver.
2
Submit Documentation Feedback


Similar Part No. - SN74GTL2107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
More results

Similar Description - SN74GTL2107

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
   Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com