Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90867E Datasheet(PDF) 28 Page - Fujitsu Component Limited.

Part No. MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 28 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 24Page - Fujitsu Component Limited. MB90867E Datasheet HTML 25Page - Fujitsu Component Limited. MB90867E Datasheet HTML 26Page - Fujitsu Component Limited. MB90867E Datasheet HTML 27Page - Fujitsu Component Limited. MB90867E Datasheet HTML 28Page - Fujitsu Component Limited. MB90867E Datasheet HTML 29Page - Fujitsu Component Limited. MB90867E Datasheet HTML 30Page - Fujitsu Component Limited. MB90867E Datasheet HTML 31Page - Fujitsu Component Limited. MB90867E Datasheet HTML 32Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
MB90860E Series
28
(Continued)
Address
Register
Abbrevia-
tion
Access
Resource name
Initial value
000020H Serial Mode Register 0
SMR0
W,R/W
UART0
00000000B
000021H Serial Control Register 0
SCR0
W,R/W
00000000B
000022H Reception/Transmission Data Register 0
RDR0/
TDR0
R/W
00000000B
000023H Serial Status Register 0
SSR0
R,R/W
00001000B
000024H
Extended Communication Control
Register 0
ECCR0
R,W,
R/W
000000XXB
000025H Extended Status/Control Register 0
ESCR0
R/W
00000100B
000026H Baud Rate Generator Register 00
BGR00
R/W
00000000B
000027H Baud Rate Generator Register 01
BGR01
R/W
00000000B
000028H Serial Mode Register 1
SMR1
W,R/W
UART1
00000000B
000029H Serial Control Register 1
SCR1
W,R/W
00000000B
00002AH Reception/Transmission Data Register 1
RDR1/
TDR1
R/W
00000000B
00002BH Serial Status Register 1
SSR1
R,R/W
00001000B
00002CH
Extended Communication Control
Register 1
ECCR1
R,W,
R/W
000000XXB
00002DH Extended Status/Control Register 1
ESCR1
R/W
00000100B
00002EH Baud Rate Generator Register 10
BGR10
R/W
00000000B
00002FH Baud Rate Generator Register 11
BGR11
R/W
00000000B
000030H PPG 0 Operation Mode Control Register
PPGC0
W,R/W
16-bit PPG 0/1
0X000XX1B
000031H PPG 1 Operation Mode Control Register
PPGC1
W,R/W
0X000001B
000032H PPG 0/PPG 1 Count Clock Select Register
PPG01
R/W
000000X0B
000033H
Reserved
000034H PPG 2 Operation Mode Control Register
PPGC2
W,R/W
16-bit PPG 2/3
0X000XX1B
000035H PPG 3 Operation Mode Control Register
PPGC3
W,R/W
0X000001B
000036H PPG 2/PPG 3 Count Clock Select Register
PPG23
R/W
000000X0B
000037H
Reserved
000038H PPG 4 Operation Mode Control Register
PPGC4
W,R/W
16-bit PPG 4/5
0X000XX1B
000039H PPG 5 Operation Mode Control Register
PPGC5
W,R/W
0X000001B
00003AH PPG 4/PPG 5 Clock Select Register
PPG45
R/W
000000X0B
00003BH Address Detect Control Register 1
PACSR1
R/W
Address Match
Detection 1
00000000B
00003CH PPG 6 Operation Mode Control Register
PPGC6
W,R/W
16-bit PPG 6/7
0X000XX1B
00003DH PPG 7 Operation Mode Control Register
PPGC7
W,R/W
0X000001B
00003EH PPG 6/PPG 7 Count Clock Control Register
PPG67
R/W
000000X0B
00003FH
Reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
IDT74FCT16952ATFAST CMOS 16-BIT REGISTERED TRANSCEIVER 1 2 3 4 5 MoreIntegrated Device Technology
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
TMP47P440VNCMOS 4-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn