![]() |
Electronic Components Datasheet Search |
|
MB90867E Datasheet(PDF) 16 Page - Fujitsu Component Limited. |
|
MB90867E Datasheet(HTML) 16 Page - Fujitsu Component Limited. |
16 / 67 page ![]() MB90860E Series 16 (Continued) *1 : FPT-100P-M06 *2 : FPT-100P-M05 *3 : For the I/O circuit type, refer to “ ■ I/O CIRCUIT TYPE”. Pin No. Pin name I/O Circuit type*3 Function QFP100*1 LQFP100*2 97 to 100 95 to 98 P20 to P23 G General purpose I/O pins. The register can be set to select whether to use a pull-up resistor.In external bus mode, the pin is enabled as a general-purpose I/O port when the corresponding bit in the external address output control register (HACR) is 1. A16 to A19 Output pins of the external address bus. When the corresponding bit in the external address output control register (HACR) is 0, the pins are enabled as high address output pins (A16 to A19). PPG9,PPGB, PPGD,PPGF Output pins for PPGs |