Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90F342E Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part No. MB90F342E
Description  16-bit Proprietary Microcontroller CMOS
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F342E Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB90F342E Datasheet HTML 2Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 3Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 4Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 5Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 6Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 7Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 8Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 9Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
MB90340E Series
6
(Continued)
*1 : These devices are under development.
*2 : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the Emulator hardware manual for details.
*3 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Part Number
Parameter
MB90V340E-101,
MB90V340E-102
MB90F342E(S), MB90F342CE(S),
MB90F343E(S)*1, MB90F343CE(S)*1,
MB90F345E(S), MB90F345CE(S),
MB90F346E(S), MB90F346CE(S),
MB90F347E(S), MB90F347CE(S),
MB90F349E(S), MB90F349CE(S)
MB90341E(S)*1, MB90341CE(S)*1,
MB90342E(S)*1, MB90342CE(S)*1,
MB90346E(S), MB90346CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S)*1, MB90348CE(S)*1,
MB90349E(S)*1, MB90349CE(S)*1
External Interrupt
(16 channels)
Can be used rising edge, falling edge, starting up by H/L level input, external interrupt,
expanded intelligent I/O services (EI2OS) and DMA
D/A converter
2 channels
Sub clock
(maximum 100
kHz)
Only for
MB90V340E-102
Devices with sub clock : devices without an S suffix in the part number
Devices without sub clock : devices with an S suffix in the part number
I/O Ports
Virtually all external pins can be used as general purpose I/O port
All ports are push-pull outputs
Bit-wise settable as input/output or peripheral signal
Can be configured 8 as CMOS schmitt trigger/ automotive inputs (in blocks of 8 pins)
TTL input level settable for external bus (32-pin only for external bus)
Flash Memory
Supports automatic programming, Embedded AlgorithmTM*3
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of erase cycles : 10000 cycles
Data retention time : 20 years
Boot block configuration
Erase can be performed on each block
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash (except
for MB90F346E(S) and MB90F346CE (S) )


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
IDT74FCT16952ATFAST CMOS 16-BIT REGISTERED TRANSCEIVER 1 2 3 4 5 MoreIntegrated Device Technology
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
TMP47P440VNCMOS 4-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn