Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90F342E Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part No. MB90F342E
Description  16-bit Proprietary Microcontroller CMOS
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F342E Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F342E Datasheet HTML 1Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 2Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 3Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 4Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 5Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 6Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 7Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 8Page - Fujitsu Component Limited. MB90F342E Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
MB90340E Series
5
(Continued)
Part Number
Parameter
MB90V340E-101,
MB90V340E-102
MB90F342E(S), MB90F342CE(S),
MB90F343E(S)*1, MB90F343CE(S)*1,
MB90F345E(S), MB90F345CE(S),
MB90F346E(S), MB90F346CE(S),
MB90F347E(S), MB90F347CE(S),
MB90F349E(S), MB90F349CE(S)
MB90341E(S)*1, MB90341CE(S)*1,
MB90342E(S)*1, MB90342CE(S)*1,
MB90346E(S), MB90346CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S)*1, MB90348CE(S)*1,
MB90349E(S)*1, MB90349CE(S)*1
A/D Converter
24 input channels
Devices with a C suffix in the part number
: 24 channels
Devices without a C suffix in the part number : 16 channels
10-bit or 8-bit resolution
Conversion time : Min 3
µs include sample time (per one channel)
16-bit Reload Timer
(4 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
= Machine clock frequency)
Supports External Event Count function
16-bit I/O Timer
(2 channels)
Generates an interrupt signal on overflow
Supports Timer Clear when the output compare finds a match
Operation clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
= Machine clock freq.)
I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1/2/3, OCU 0/1/2/3
I/O Timer 1 (clock input FRCK1) corresponds to ICU 4/5/6/7, OCU 4/5/6/7
16-bit Output
Compare
(8 channels)
Generates an interrupt signal when one of the 16-bit I/O timer matches the output compare
register
A pair of compare registers can be used to generate an output signal.
16-bit Input Capture
(8 channels)
Rising edge, falling edge or rising & falling edge sensitive
Signals an interrupt upon external event
8/16-bit
Programmable
Pulse Generator
8 channels (16-bit) /16 channels (8-bit)
Sixteen 8-bit reload counters
Sixteen 8-bit reload registers for L pulse width
Sixteen 8-bit reload registers for H pulse width
Supports 8-bit and 16-bit operation modes
A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as
8-bit prescaler plus 8-bit reload counter
Operating clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128
µs@fosc = 4 MHz
(fsys
= Machine clock frequency, fosc = Oscillation clock frequency)
CAN Interface
3 channels
2 channels :
MB90F342E(S), MB90F342CE(S),
MB90F343E(S), MB90F343CE(S),
MB90F345E(S), MB90F345CE(S)
1 channel :
MB90F346E(S), MB90F346CE(S),
MB90F347E(S), MB90F347CE(S),
MB90F349E(S), MB90F349CE(S)
2 channels :
MB90341E(S), MB90341CE(S),
MB90342E(S), MB90342CE(S)
1 channel :
MB90346E(S), MB90346CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S), MB90348CE(S),
MB90349E(S), MB90349CE(S)
Conforms to CAN Specification Version 2.0 Part A and B
Automatic re-transmission in case of error
Automatic transmission in response to Remote Frames
Prioritized 16 message buffers for data and ID’s
Supports multiple messages
Flexible configuration of acceptance filtering :
Full bit compare/Full bit mask/Two partial bit masks
Supports up to 1 Mbps


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
IDT74FCT16952ATFAST CMOS 16-BIT REGISTERED TRANSCEIVER 1 2 3 4 5 MoreIntegrated Device Technology
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
TMP47P440VNCMOS 4-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn