Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST173C12CCK0P Datasheet(PDF) 6 Page - International Rectifier

Part # ST173C12CCK0P
Description  INVERTER GRADE THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST173C12CCK0P Datasheet(HTML) 6 Page - International Rectifier

  ST173C12CCK0P Datasheet HTML 1Page - International Rectifier ST173C12CCK0P Datasheet HTML 2Page - International Rectifier ST173C12CCK0P Datasheet HTML 3Page - International Rectifier ST173C12CCK0P Datasheet HTML 4Page - International Rectifier ST173C12CCK0P Datasheet HTML 5Page - International Rectifier ST173C12CCK0P Datasheet HTML 6Page - International Rectifier ST173C12CCK0P Datasheet HTML 7Page - International Rectifier ST173C12CCK0P Datasheet HTML 8Page - International Rectifier ST173C12CCK0P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ST173CPbF Series
6
Bulletin I25233 10/06
www.irf.com
Fig. 7 - Maximum Non-repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-repetitive Surge Current
Single and Double Side Cooled
Fig. 5 - On-state Power Loss Characteris-
tics
Fig. 6 - On-state Power Loss Characteris-
tics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
20
30
40
50
60
70
80
90
100
110
120
130
0
100
200
300
400
500
600
700
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Period
ST173C..C Series
(Double Side Cooled)
R
(DC) = 0.08 K/ W
thJ-hs
30
40
50
60
70
80
90
100
110
120
130
0
50
100 150 200 250 300 350 400
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Angle
ST173C..C Series
(Double Side Cooled)
R
(DC) = 0.08 K/ W
thJ-hs
0
200
400
600
800
1000
1200
1400
0
100
200
300
400
500
600
700
DC
180°
120°
90°
60°
30°
RMSLimit
Cond uction Period
Average On-state Current (A)
ST173C..C Series
T = 125°C
J
0
100
200
300
400
500
600
700
800
900
1000
0
50 100 150 200 250 300 350 400 450
180°
120°
90°
60°
30°
RMSLimit
Cond uction Angle
Average On-state Current (A)
ST173C..C Series
T = 125°C
J
2000
2500
3000
3500
4000
4500
1
10
100
Numb er Of Eq ual Amplitud e Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST173C..C Series
1500
2000
2500
3000
3500
4000
4500
5000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST173C..C Series
Maximum Non Repetitive Surge Current


Similar Part No. - ST173C12CCK0P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST173C12CHK0LP VISHAY-ST173C12CHK0LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK0P VISHAY-ST173C12CHK0P Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK1LP VISHAY-ST173C12CHK1LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK1P VISHAY-ST173C12CHK1P Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK2LP VISHAY-ST173C12CHK2LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
More results

Similar Description - ST173C12CCK0P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST303S04PFN0P VISHAY-VS-ST303S04PFN0P Datasheet
309Kb / 11P
   Inverter Grade Thyristors
Revision: 08-Jul-14
logo
International Rectifier
ST083S IRF-ST083S Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST333C04CFL0 VISHAY-VS-ST333C04CFL0 Datasheet
279Kb / 11P
   Inverter Grade Thyristors
Revision: 20-Dec-13
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
   Inverter Grade Thyristors
Revision: 02-Jun-15
VS-ST183S08PFL0P VISHAY-VS-ST183S08PFL0P Datasheet
1Mb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
   Inverter Grade Thyristors
Revision: 26-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com