Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST380CH04C3PBF Datasheet(PDF) 5 Page - International Rectifier

Part # ST380CH04C3PBF
Description  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST380CH04C3PBF Datasheet(HTML) 5 Page - International Rectifier

  ST380CH04C3PBF Datasheet HTML 1Page - International Rectifier ST380CH04C3PBF Datasheet HTML 2Page - International Rectifier ST380CH04C3PBF Datasheet HTML 3Page - International Rectifier ST380CH04C3PBF Datasheet HTML 4Page - International Rectifier ST380CH04C3PBF Datasheet HTML 5Page - International Rectifier ST380CH04C3PBF Datasheet HTML 6Page - International Rectifier ST380CH04C3PBF Datasheet HTML 7Page - International Rectifier ST380CH04C3PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ST380CHPbF Series
Bulletin I25227 09/06
5
www.irf.com
Outline Table
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
200
400
600
800 1000 1200 1400
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Period
ST380CH..C Series
(Single Side Cooled)
R
(DC) = 0.09 K/ W
thJ-hs
40
50
60
70
80
90
100
110
120
130
140
150
0
100 200 300 400 500 600 700 800
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Angle
ST380CH..C Series
(Single Side Cooled)
R
(DC) = 0.09 K/ W
thJ-hs
DIA. MAX.
4.75 (0.19)
28 (1.10)
6.5 (0.26)
0.3 (0.01) MIN.
0.3 (0.01) MIN.
ANODE TO GATE
CREEPAGE DISTANCE: 11.18 (0.44) MIN.
STRIKE DISTANCE: 7.62 (0.30) MIN.
25.3 (0.99)
14.1 / 15.1
(0.56 / 0.59)
25°± 5°
GATE TERM. FOR
1.47 (0.06) DIA.
PIN RECEPTACLE
25.3 (0.99)
40.5 (1.59) DIA. MAX.
DIA. MAX.
2 HOLES 3.56 (0.14) x
1.83 (0.07) MIN. DEEP
42 (1.65) MAX.
Case Style TO-200AB (E-PUK)
All dimensions in millimeters (inches)
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)


Similar Part No. - ST380CH04C3PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST380CH04C3 IRF-ST380CH04C3 Datasheet
103Kb / 7P
   PHASE CONTROL THYRISTORS
ST380CH04C3L IRF-ST380CH04C3L Datasheet
103Kb / 7P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST380CH04C3PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com