Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV00 Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN54LV00
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV00 Datasheet(HTML) 4 Page - Texas Instruments

  SN54LV00 Datasheet HTML 1Page - Texas Instruments SN54LV00 Datasheet HTML 2Page - Texas Instruments SN54LV00 Datasheet HTML 3Page - Texas Instruments SN54LV00 Datasheet HTML 4Page - Texas Instruments SN54LV00 Datasheet HTML 5Page - Texas Instruments SN54LV00 Datasheet HTML 6Page - Texas Instruments SN54LV00 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN54LV00, SN74LV00
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCLS182C – FEBRUARY 1993 – REVISED APRIL 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN74LV00
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
tpd
A
Y
6
11
9
15
18
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
C d
Power dissipation capacitance per gate
CL =50 pF
f=10MHz
3.3 V
23
pF
Cpd
Power dissipation capacitance per gate
CL = 50 pF,
f = 10 MHz
5 V
23
pF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54HCT00 QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54AHC00 QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54H01 QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS 1  2  3  4  5  Texas Instruments
SN54LV08A QUADRUPLE 2-INPUT POSITIVE-AND GATES 1  2  3  4  5  More Texas Instruments
SN54LVC86A QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1  2  3  4  5  More Texas Instruments
GD54LS86 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1  2  List of Unclassifed Manufacturers
SN54HCT08 QUADRUPLE 2-INPUT POSITIVE-AND GATES 1  2  3  4  5  More Texas Instruments
SN54ACT86 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1  2  3  4  5  More Texas Instruments
CD54ACT08 QUADRUPLE 2-INPUT POSITIVE-AND GATES 1  2  3  4  5  More Texas Instruments
SN54LV86A QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn