Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIE806DF Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SIE806DF
Description  N-Channel 30-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SIE806DF Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Vishay Siliconix
SPICE Device Model SiE806DF
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.1
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 10 V
3290
A
VGS = 10 V, ID = 25 A
0.0014
0.0015
Drain-Source On-State Resistance
a
rDS(on)
VGS = 4.5 V, ID = 25 A
0.0017
0.0017
Forward Transconductance
a
gfs
VDS = 15 V, ID = 25 A
180
130
S
Forward Voltage
a
VSD
IS = 10 A
0.83
0.90
V
Dynamic
b
Input Capacitance
Ciss
9401
13000
Output Capacitance
Coss
1096
1150
Reverse Transfer Capacitance
Crss
VDS = 15 V, VGS = 0 V, f = 1 MHz
385
550
pF
VDS = 15 V, VGS = 10 V, ID = 20 A
174
165
Total Gate Charge
Qg
83
75
Gate-Source Charge
Qgs
23
23
Gate-Drain Charge
Qgd
VDS = 15 V, VGS = 4.5 V, ID = 20 A
9.5
9.5
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 74165
S-60243
Rev. A, 20-Feb-06


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn