Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMD2P01R2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMD2P01R2
Description  Power MOSFET ??.3 Amps, ??6 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMD2P01R2 Datasheet(HTML) 3 Page - ON Semiconductor

  NTMD2P01R2 Datasheet HTML 1Page - ON Semiconductor NTMD2P01R2 Datasheet HTML 2Page - ON Semiconductor NTMD2P01R2 Datasheet HTML 3Page - ON Semiconductor NTMD2P01R2 Datasheet HTML 4Page - ON Semiconductor NTMD2P01R2 Datasheet HTML 5Page - ON Semiconductor NTMD2P01R2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTMD2P01R2
http://onsemi.com
3
VGS = −1.5 V
VGS = −1.7 V
VGS = −1.9 V
TJ = 55°C
TJ = 25°C
VGS = −10 V
VGS = −4.5 V
VGS = −2.5 V
Figure 1. On−Region Characteristics.
Figure 2. Transfer Characteristics.
Figure 3. On−Resistance vs. Gate−to−Source
Voltage.
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage.
Figure 5. On−Resistance Variation with
Temperature.
Figure 6. Drain−to−Source Leakage Current
vs. Voltage.
VGS = −2.1 V
TJ = 25°C
TJ = 100°C
TJ = 25°C
TJ = 25°C
VGS = −2.7 V
VGS = −4.5 V
ID = −2.4 A
VGS = −4.5 V
VGS = 0 V
TJ = 125°C
TJ = 25°C
TJ = 100°C
VDS > = −10 V
150
−50
1.6
1.4
−25
0
25
75
1.2
1
0.8
0.6
20
0
1000
100
4
8
12
16
10
1
0.1
0.01
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
125
100
50
TJ, JUNCTION TEMPERATURE (°C)
1
0.12
0.1
1.5
2
2.5
3.5
0.08
0.06
0.04
4.5
4
3
2
0.2
0.15
46
0.1
0.05
0
8
1
5
4
1.5
2
3
2
0
3
0
4
3
6
2
1
0
8
1
2.5
4
210
−ID, DRAIN CURRENT (AMPS)
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)


Similar Part No. - NTMD2P01R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
   Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
187Kb / 12P
   Power MOSFET 2 Amps, 20 Volts
March, 2006 ??Rev. 1
NTMD2C02R2G ONSEMI-NTMD2C02R2G Datasheet
187Kb / 12P
   Power MOSFET 2 Amps, 20 Volts
March, 2006 ??Rev. 1
NTMD2C02R2SG ONSEMI-NTMD2C02R2SG Datasheet
187Kb / 12P
   Power MOSFET 2 Amps, 20 Volts
March, 2006 ??Rev. 1
More results

Similar Description - NTMD2P01R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
MMDF3N04HD ONSEMI-MMDF3N04HD Datasheet
121Kb / 12P
   Power MOSFET 3 Amps, 40 Volts
October, 2003 ??Rev. 3
MMDF1300 ONSEMI-MMDF1300 Datasheet
44Kb / 4P
   Power MOSFET 3 Amps, 25 Volts
March, 2001 ??Rev. 1
MMDF3N03HD ONSEMI-MMDF3N03HD Datasheet
118Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 7
MMDFS3P303 ONSEMI-MMDFS3P303 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
MMDFS3P303-D ONSEMI-MMDFS3P303-D Datasheet
162Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
logo
Unisonic Technologies
6N50 UTC-6N50 Datasheet
172Kb / 6P
   6 Amps, 500 Volts N-CHANNEL POWER MOSFET
6N40 UTC-6N40 Datasheet
169Kb / 6P
   6 Amps, 400 Volts N-CHANNEL POWER MOSFET
6N10 UTC-6N10 Datasheet
147Kb / 4P
   6 Amps, 100 Volts N-CHANNEL POWER MOSFET
3N80 UTC-3N80_11 Datasheet
210Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com