Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10ELT23ZCTR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SY10ELT23ZCTR
Description  DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SY10ELT23ZCTR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SY10ELT23ZCTR Datasheet HTML 1Page - List of Unclassifed Manufacturers SY10ELT23ZCTR Datasheet HTML 2Page - List of Unclassifed Manufacturers SY10ELT23ZCTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SY10ELT23ZCTR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-232
ClockWorks™
SY10ELT23
SY100ELT23
DESCRIPTION
© 1998 Synergy Semiconductor Corporation
SYNERGY
SEMICONDUCTOR
s 3.0ns typical propagation delay
s <500ps typical output-to-output skew
s Differential PECL outputs
s 24mA TTL outputs
s Flow-through pinouts
s ESD protection of 2000V
s Available in 8-pin SOIC package
The SY10/100ELT23 are dual differential PECL-to-TTL
translators.
Because PECL (Positive ECL) levels are
used, only +5V and ground are required.
The small
outline 8-lead SOIC package and the low skew, dual
gate design of the ELT23 makes it ideal for applications
which require the tranlation of a clock and a data signal.
The ELT23 is available in both ECL standards:
the
10ELT is compatible with positive ECL 10H logic levels,
while the 100ELT is compatible with positive ECL 100K
logic levels.
FEATURES
DUAL DIFFERENTIAL
PECL-to-TTL TRANSLATOR
PIN NAMES
PIN CONFIGURATION/BLOCK DIAGRAM
Pin
Function
Qn
TTL Outputs
Dn
Differential PECL Inputs
VCC
+5.0V Supply
GND
Ground
SOIC
TOP VIEW
ClockWorks™
SY10ELT23
SY100ELT23
1
2
3
4
5
6
7
8
D0
VCC
Q0
GND
Q1
D0
PECL
TTL
D1
D1
Rev.: F
Amendment: /0
Issue Date:
August, 1998


Similar Part No. - SY10ELT23ZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT23ZCTR MICREL-SY10ELT23ZCTR Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23ZCTR MICREL-SY10ELT23ZCTR Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23ZCTR MICREL-SY10ELT23ZCTR Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results

Similar Description - SY10ELT23ZCTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22 Datasheet
51Kb / 4P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23 Datasheet
81Kb / 3P
   Dual Differential PECL to TTL Translator
1996 REV 3
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
81Kb / 3P
   Dual TTL to Differential PECL Translator
REV 3
logo
Micrel Semiconductor
SY10ELT23 MICREL-SY10ELT23 Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_03 Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com