Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGF0911A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MGF0911A
Description  L, S BAND POWER GaAs FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF0911A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGF0911A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF0911A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF0911A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MGF0911A
MITSUBISHI SEMICONDUCTOR
〈GaAs FET〉
L, S BAND POWER GaAs FET
Nov. ´97
9.4
2-R1.25
DESCRIPTION
The MGF0911A, GaAs FET with an N-channel schottky gate, is
designed for use in UHF band amplifiers.
FEATURES
• Class A operation
• High output power
P1dB=41dBm(TYP)
@2.3GHz
• High power gain
GLP=11dB(TYP)
@2.3GHz
• High power added efficiency
ηadd=40%(TYP)
@2.3GHz,P1dB
• Hermetically sealed metal-ceramic package with ceramic lid
APPLICATION
UHF band power amplifiers
QUALITY GRADE
• IG
RECOMMENDED BIAS CONDITIONS
• VDS=10V
• ID=2.6A
• Rg=50
• Refer to Bias Procedure
OUTLINE DRAWING
Unit:millimeters
GF-21
GATE
SOURCE(FLANGE)
DRAIN
3
2
1
Typ
Max
Min
Limits
Parameter
Test conditions
ELECTRICAL CHARACTERISTICS (Ta=25˚C)
Symbol
Unit
IDSS
VGS(off)
Saturated drain current
10
-5
A
S
V
3.0
dBm
dB
Gate to source cut-off voltage
41
11
-2
40
gm
ηadd
Transconductance
Power added efficiency at P1dB
Thermal resistance
*1
10
%
40
˚C/W
4.0
VDS=3V,VGS=0V
VDS=3V,ID=20mA
VDS=3V,ID=2.6A
VDS=10V,ID
2.6A,f=2.3GHz
ABSOLUTE MAXIMUM RATINGS (Ta=25˚C)
Symbol
Parameter
Ratings
175
VGDO
VGSO
PT
Tch
Tstg
Unit
Gate to source voltage
Gate to drain voltage
Total power dissipation
*1
Channel temperature
Storage temperature
-15
-15
37.5
-65 to +175
V
V
W
˚C
˚C
ID
Drain current
10
A
IGR
IGF
Reverse gate current
Forward gate current
30
63
mA
mA
*1:TC=25˚C
P1dB
GLP
Rth(ch-c)
Output power at 1dB gain
compression
Linear power gain
*2
∆Vf method
*1:Channel to case *2:Pin=25dBm
17.5
1.0
14.3
1
2
2
3
10.0


Similar Part No. - MGF0911A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0911A MITSUBISHI-MGF0911A Datasheet
36Kb / 4P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A Datasheet
216Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0911A MITSUBISHI-MGF0911A_1 Datasheet
36Kb / 4P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A_11 Datasheet
216Kb / 4P
   High-power GaAs FET (small signal gain stage)
More results

Similar Description - MGF0911A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0904A MITSUBISHI-MGF0904A_1 Datasheet
372Kb / 4P
   L,S BAND POWER GaAs FET
MGF0907B MITSUBISHI-MGF0907B_1 Datasheet
455Kb / 4P
   L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A_1 Datasheet
207Kb / 4P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A_1 Datasheet
36Kb / 4P
   L, S BAND POWER GaAs FET
MGF0910A MITSUBISHI-MGF0910A Datasheet
26Kb / 3P
   L, S BAND POWER GaAs FET
MGF0906B MITSUBISHI-MGF0906B Datasheet
125Kb / 3P
   L,S BAND POWER GaAs FET?
MGF0904A MITSUBISHI-MGF0904A Datasheet
632Kb / 3P
   L,S BAND POWER GaAs FET?
MGF0907B MITSUBISHI-MGF0907B Datasheet
125Kb / 3P
   L,S BAND POWER GaAs FET?
MGF0905A MITSUBISHI-MGF0905A Datasheet
116Kb / 3P
   L,S BAND POWER GaAs FET?
MGF0905A MITSUBISHI-MGF0905A_1 Datasheet
316Kb / 4P
   L,S BAND POWER GaAs FET?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com