Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTEA404120P2AZ Datasheet(PDF) 1 Page - Texas Instruments

Part # PTEA404120P2AZ
Description  50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTEA404120P2AZ Datasheet(HTML) 1 Page - Texas Instruments

  PTEA404120P2AZ Datasheet HTML 1Page - Texas Instruments PTEA404120P2AZ Datasheet HTML 2Page - Texas Instruments PTEA404120P2AZ Datasheet HTML 3Page - Texas Instruments PTEA404120P2AZ Datasheet HTML 4Page - Texas Instruments PTEA404120P2AZ Datasheet HTML 5Page - Texas Instruments PTEA404120P2AZ Datasheet HTML 6Page - Texas Instruments PTEA404120P2AZ Datasheet HTML 7Page - Texas Instruments PTEA404120P2AZ Datasheet HTML 8Page - Texas Instruments PTEA404120P2AZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DESCRIPTION
L
O
A
D
SENSE (–)
SENSE (+)
PTEA404120N
5
2
7
Adjust
8
6
4
1
3
+VO
Sense(+)
−VO
Sense(−)
+VI
−VI
+VI
−VI
+VO
−VO
CI
(Optional)
CO
(Optional)
Remote
On/Off
PTEA404120
SLTS274A – DECEMBER 2006 – REVISED JANUARY 2007
50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
• 50-W Output
The PTEA404120 power module is a single-output
isolated DC/DC converter, housed in an industry
• Input Voltage Range: 36 V to 75 V
standard one-eighth brick package. This module is
• 91% Efficiency
rated up to 50 W with a maximum load current of
• 2000 V
DC Isolation
4.2 A.
• On/Off Control
The PTEA404120 operates from a standard 48-V
• Overcurrent Protection
telecom central office (CO) supply and occupies less
than 2.0 in2 of PCB area. The modules offer OEMs a
• Differential Remote Sense
compact and flexible high-output power source in an
• Adjustable Output Voltage
industry standard footprint. They are suitable for
• Output Overvoltage Protection
distributed power applications in both telecom and
• Over-Temperature Shutdown
computing environments, and may be used for
intermediate bus converter architectures.
• Undervoltage Lockout
Features include a remote On/Off control with
• Standard 1/8-Brick Footprint
optional logic polarity, an
undervoltage
lockout
• UL Safety Agency Approval
(UVLO), a differential remote sense, and an industry
standard output voltage adjustment using an external
resistor.
Protection
features
include
output
overcurrent protection (OCP), overvoltage protection
(OVP), and thermal shutdown (OTP).
The modules are fully integrated for stand-alone
operation, and require no additional components.
STANDARD APPLICATION
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTEA404120P2AZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA415050 TI1-PTEA415050 Datasheet
314Kb / 14P
[Old version datasheet]   15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
PTEA415050N2AD TI1-PTEA415050N2AD Datasheet
314Kb / 14P
[Old version datasheet]   15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
PTEA415050P2AD TI1-PTEA415050P2AD Datasheet
314Kb / 14P
[Old version datasheet]   15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
PTEA420025 TI1-PTEA420025 Datasheet
338Kb / 16P
[Old version datasheet]   20-A, 48-V INPUT, ISOLATED, 1/8th BRICK DC-DC CONVERTER
PTEA420025N2AD TI1-PTEA420025N2AD Datasheet
338Kb / 16P
[Old version datasheet]   20-A, 48-V INPUT, ISOLATED, 1/8th BRICK DC-DC CONVERTER
More results

Similar Description - PTEA404120P2AZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com