Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7486 Datasheet(PDF) 2 Page - Bi technologies

Part # 7486
Description  7/8 Diameter 5-Turn Wirewound Precision Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7486 Datasheet(HTML) 2 Page - Bi technologies

  7486 Datasheet HTML 1Page - Bi technologies 7486 Datasheet HTML 2Page - Bi technologies 7486 Datasheet HTML 3Page - Bi technologies 7486 Datasheet HTML 4Page - Bi technologies 7486 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2-110
Model 7480 Series
MECHANICAL
Total Mechanical Travel
1800° + 15° – 0°
Number of Gangs, Maximum
2
Weight, Nominal (single gang)
0.75 oz.
Backlash, Maximum
7481, 7486
7483
Static Stop Strength
60 oz.-in.
36 oz.-in.
Panel Nut Tightening Torque, Maximum
25 lb.-in.
N/A
Shaft End Play, Maximum
.010”
.005”
Shaft Runout, T.I.R., Maximum
.003”
.002”
Pilot Diameter Runout, T.I.R., Maximum
.004”
.002”
Lateral Runout, T.I.R., Maximum
.005”
.004”
Shaft Radial Play, Maximum
.003”
.002”
Start/Run Torque, Maximum (per gang)
1.2 oz.-in.
0.9 oz.-in.
STANDARD RESISTANCE VALUES, OHMS
Theoretical
Total
Resolution
Tempco
Resistance
(% Nominal)
of Wire
100
0.059
±20 ppm/°C
200
0.037
±20 ppm/°C
500
0.030
±20 ppm/°C
1K
0.024
±20 ppm/°C
2K
0.020
±20 ppm/°C
5K
0.018
±20 ppm/°C
10K
0.017
±20 ppm/°C
20K
0.016
±20 ppm/°C


Similar Part No. - 7486

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7486 FAIRCHILD-7486 Datasheet
34Kb / 3P
   Quad 2-Input Exclusive-OR Gate
logo
Bi technologies
7486 BITECH-7486 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
74860 ETC2-74860 Datasheet
470Kb / 2P
   Wiha Quality Tools Toll Free: (800) 494-6104
74861 ETC2-74861 Datasheet
470Kb / 2P
   Wiha Quality Tools Toll Free: (800) 494-6104
74862 ETC2-74862 Datasheet
470Kb / 2P
   Wiha Quality Tools Toll Free: (800) 494-6104
More results

Similar Description - 7486

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com