Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90350E Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. MB90350E
Description  16-bit Proprietary Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90350E Datasheet(HTML) 3 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
MB90350E Series
3
• Sub clock pin (X0A, X1A)
• Yes (using the external oscillation) : devices without S-suffix
• No (using the sub clock mode at internal CR oscillation) : devices with S-suffix
• Timer
• Timebase timer, watch timer, watchdog timer : 1 channel
• 8/16-bit PPG timer : 8-bit
× 10 channels or 16-bit × 6 channels
• 16-bit reload timer : 2 channels (only Evaluation products has 4 channels)
• 16- bit input/output timer
- 16-bit free-run timer : 2 channels (FRT0 : ICU0/1, FRT1 : ICU4/5/6/7, OCU4/5/6/7)
- 16- bit input capture: (ICU) : 6 channels
- 16-bit output compare : (OCU) : 4 channels
• FULL-CAN interface : 1 channel
• Compliant with CAN standard Version2.0 Part A and Part B
• 16 message buffers are built-in
• CAN wake-up function
• UART (LIN/SCI) : 2 channels
• Equipped with full-duplex double buffer
• Clock-asynchronous or clock-synchronous serial transmission is available.
• I2C interface*1 : 1 channel
Up to 400 kbps transfer rate
• DTP/External interrupt : 8 channels, CAN wakeup : 1 channel
Module for activation of extended intelligent I/O service (EI2OS), DMA, and generation of external interrupt by
external input.
• Delay interrupt generator module
Generates interrupt request for task switching.
• 8/10-bit A/D converter : 15 channels
• Resolution is selectable between 8-bit and 10-bit.
• Activation by external trigger input is allowed.
• Conversion time : 3
µs (at 24-MHz machine clock, including sampling time)
• Program patch function
• Address matching detection for 6 address pointers.
• Capable of changing input voltage level for port
• Automotive/CMOS-Schmitt (initial level is Automotive in single chip mode)
• TTL level (corresponds to external bus pins only, initial level of these pins is TTL in external bus mode)
• Low voltage/CPU operation detection reset (devices with T-suffix)
• Detects low voltage (4.0 V
± 0.3 V) and resets automatically
• Resets automatically when program is runaway and counter is not cleared within interval time
(approx. 262 ms : external 4 MHz)
• Dual operation Flash memory
• Erase/write and read can be executed in the different bank (Upper Bank/Lower Bank) at the same time.
• Supported TA = + 125 °C
The maximum operating frequency is 24 MHz*2 : (at TA
= +125 °C) .
(Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn