Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMS1546 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part No. SMS1546
Description  Surface Mount Mixer and Detector Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMS1546 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMS1546 Datasheet HTML 1Page - Skyworks Solutions Inc. SMS1546 Datasheet HTML 2Page - Skyworks Solutions Inc. SMS1546 Datasheet HTML 3Page - Skyworks Solutions Inc. SMS1546 Datasheet HTML 4Page - Skyworks Solutions Inc. SMS1546 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 15, 2005 • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • 200041 Rev. C
DATA SHEET • SURFACE MOUNT MIXER AND DETECTOR SCHOTTKY DIODES
2
Low Barrier Mixer and Detectors
Electrical Specifications at 25 °C (Per Junction)
Pair Configuration
Part Number
Barrier
VB @ 10 µ
µA (V)
CT @ 0 V (pF)
VF @ 1 mA (mV)
(b) VF @ 1 mA (mV)
RT* @ 10 mA (Ω
Ω)
Min.
Typ.
Max.
Max.
SMS1546 Series
Low
2
0.50
200–270
10
8
SMS7621 Series
Low
2
0.25
260–320
10
18
Zero Bias Detectors
Part Number
Pair Configuration
VB @ 100 µ
µA (V)
CT @ 0.15 V (pF)
VF @ 0.1 mA (mV)
VF @ 1 mA (mV)
(b) VF @ 1 mA (mV)
RV (Ω
Ω)
Min.
Typ.
Max.
Typ.
SMS7630 Series
1.0
0.30
60–120
135–240
10
5000
*RT is the slope resistance.
Reverse
Common
Reverse
Unconnected
Unconnected
Unconnected
Single
Single
Single
Cathode
Series Pair
Series Pair
Pair
Pair
Pair
SC-79
SOD-323
SOT-23
SOT-23
SOT-23
SOT-143
SOT-143
LGA
SMS1546-005
Marking: SG2
SMS1546-005LF
Marking: XG2
SMS7621-079
SMS7621-001
SMS7621-005
SMS7621-006
SMS7621-015
SMS7621-517
Marking: Cathode
Marking: SH1
Marking: SH2
Marking: SH8
Marking: SH7
Lead (Pb)-Free
Marking: H
SMS7621-079LF
SMS7621-001LF
SMS7621-005LF
SMS7621-006LF
SMS7621-015LF
Marking: Cathode
Marking: XH1
Marking: XH2
Marking: XH8
Marking: XH7
SMS7630-079
SMS7630-011
SMS7630-001
SMS7630-005
SMS7630-006
SMS7630-020
SMS7630-517
Marking: Anode
Marking: SD
Marking: SD1
Marking: SD2
Marking: SD8
Marking: SD0
Lead (Pb)-Free
Marking: D
SMS7630-079LF
SMS7630-011LF
SMS7630-001LF
SMS7630-005LF
SMS7630-006LF
SMS7630-020LF
Marking: Anode
Marking: XD
Marking: XD1
Marking: XD2
Marking: XD8
Marking: XD0
LS = 0.7 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.6 nH
SC-70
SC-70
SC-70
SMS7621-074
SMS7621-075
Marking: SH3
Marking: SH2
SMS7621-074LF
SMS7621-075LF
Marking: XH3
Marking: XH2
SMS7630-075
Marking: SD2
SMS7630-075LF
Marking: XD2
LS = 1.4 nH
LS = 1.4 nH
LF denotes lead (Pb)-free packaging option as an alternative to our standard tin/lead
(Sn/Pb) packaging.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SMS1546 Surface Mount Mixer and Detector Schottky Diodes 1  2  3  Alpha Industries
SMS7621 Surface Mount Mixer and Detector Schottky Diodes 1  2  3  4  5  Skyworks Solutions Inc.
HSCH-5300 Beam Lead Schottky Diodes for Mixers and Detectors 1 - 26 GHz 1  2  3  4  5  More Agilent(Hewlett-Packard)
MXB-0502-3 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-1002-17 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-1502-7H SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXJ-2201-10 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-0502-3H SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-1002-17H SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn