Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMS1546 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. SMS1546
Description  Surface Mount Mixer and Detector Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SMS1546 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATA SHEET • SURFACE MOUNT MIXER AND DETECTOR SCHOTTKY DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200041 Rev. C • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • February 15, 2005
3
Parameter
Unit
SMS1546
SMS7621
SMS7630
IS
A
3E-7
4E-8
5E-06
RS
412
20
N
1.04
1.05
1.05
TT
s
1E-11
1E-11
1E-11
CJ0
pF
0.38
0.10
0.14
M
0.36
0.35
0.40
EG
eV
0.69
0.69
0.69
XTI
2
2
2
FC
0.5
0.5
0.5
BV
V3
3
2
IBV
A
1E-5
1E-5
1E-4
VJ
V
0.51
0.51
0.34
SPICE Model Parameters (Per Junction)
Typical Detector Characteristics @ 1.8 GHz
1.00
10.00
100.00
1000.00
10000.00
-30
-20
-10
0
10
Input Power (dBm)
50
RF Input
10 M
Video Output
RFC
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMS1546Surface Mount Mixer and Detector Schottky Diodes 1 2 3 Alpha Industries
SMS7621Surface Mount Mixer and Detector Schottky Diodes 1 2 3 4 5 Skyworks Solutions Inc.
HSCH-5300Beam Lead Schottky Diodes for Mixers and Detectors 1 - 26 GHz 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MXB-0502-3SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1502-7HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2201-10SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-0502-3HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-17HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn