Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB521S30 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # RB521S30
Description  SURFACE MOUNT SCHOTTKY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RB521S30 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  RB521S30 Datasheet HTML 1Page - Pan Jit International Inc. RB521S30 Datasheet HTML 2Page - Pan Jit International Inc. RB521S30 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
10
100
0
5
10
15
20
25
30
35
Reverse Voltage, V
R , (V)
f = 1MHz
0.001
0.01
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forw ard Voltage, V
F (V)
T
J = 125°C
T
J = 25°C
T
J = 75°C
1
10
100
1000
10000
010
20
30
40
Reverse Voltage, V
R (V)
T
J = 125°C
T
J = 25°C
T
J = 75°C
Fig. 4. Typical Capacitance
V =
www.panjit.com
8/25/2005
Page 2
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Units
Tj = 25°C Unless otherwise noted
Conditions
Typ
Max
Forward Voltage (Note 2)
V F
I =
F
Reverse Leakage Current
I R
R
Total Capacitance
C T
0Vdc Bias, f =1 MHz
200mA
10V
-
-
0.5
V
-30
-
35
pF
-
26.6
RB521S30
Note 2. Short duration pulse test to avoid self-heating effect
uA
Fig. 3. Typical Reverse Characteristics
Fig. 2. Typical Forward Characteristics
TYPICAL CHARACTERISTIC CURVES


Similar Part No. - RB521S30

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RB521S30 UTC-RB521S30 Datasheet
38Kb / 3P
   SCHOTTKY BARRIER DIODES
logo
Fairchild Semiconductor
RB521S30 FAIRCHILD-RB521S30 Datasheet
155Kb / 5P
   Schottky Barrier Diodes
logo
NXP Semiconductors
RB521S30 NXP-RB521S30 Datasheet
258Kb / 12P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
logo
Unisonic Technologies
RB521S30 UTC-RB521S30 Datasheet
168Kb / 3P
   SCHOTTKY BARRIER DIODES
logo
Shenzhen Luguang Electr...
RB521S30 LUGUANG-RB521S30 Datasheet
477Kb / 2P
   Schottky barrier Diode
More results

Similar Description - RB521S30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD330W PANJIT-MMBD330W Datasheet
58Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE
PJRB461F PANJIT-PJRB461F Datasheet
89Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Comchip Technology
BAS54 COMCHIP-BAS54 Datasheet
63Kb / 2P
   Surface Mount Schottky Diode
logo
Pan Jit International I...
MMBD301 PANJIT-MMBD301_13 Datasheet
186Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Shanghai Leiditech Elec...
1SS357 LEIDITECH-1SS357 Datasheet
435Kb / 2P
   Surface mount schottky diode
logo
Pan Jit International I...
RB551V-30 PANJIT-RB551V-30 Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
RB551V30 PANJIT-RB551V30 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB501V-40 UTC-RB501V-40 Datasheet
131Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Central Semiconductor C...
CMWSH-4 CENTRAL-CMWSH-4 Datasheet
114Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com