Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90495G Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. MB90495G
Description  16-bit Proprietary Microcontroller CMOS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90495G Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90495G Datasheet HTML 1Page - Fujitsu Component Limited. MB90495G Datasheet HTML 2Page - Fujitsu Component Limited. MB90495G Datasheet HTML 3Page - Fujitsu Component Limited. MB90495G Datasheet HTML 4Page - Fujitsu Component Limited. MB90495G Datasheet HTML 5Page - Fujitsu Component Limited. MB90495G Datasheet HTML 6Page - Fujitsu Component Limited. MB90495G Datasheet HTML 7Page - Fujitsu Component Limited. MB90495G Datasheet HTML 8Page - Fujitsu Component Limited. MB90495G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
MB90495G Series
3
(Continued)
• CAN Controller : 1 channel
•CAN specifications conform to versions 2.0A and 2.0B
•8 on-chip message buffers
•Forwarding rate 10 Kbps to 1 Mbps (with 16-MHz machine clock)
• UART0 (SCI) /UART1 (SCI) : 2 channels
•All with full duplex double buffer
•Use clock-asynchronous or clock-synchronous serial forwarding
• DTP/external interrupt : 8 channels
•A module for launching extended intelligent I/O service (EI2OS) and generating external interrupts through
external output
• Delayed interrupt generation module
•Generates interrupt requests for switching tasks
• 8/10-bit A/D converter : 8 channels
•Switch between 8-bit and 10-bit resolution
•Launch through external trigger input
•Conversion time : 6.13
µs (with 16-MHz machine clock, including sampling time)
• Program batch function
•2-address pointer ROM correction
• Clock output function


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
IDT74FCT16952AT FAST CMOS 16-BIT REGISTERED TRANSCEIVER 1  2  3  4  5  More Integrated Device Technology
TMP87C841N CMOS 8-BIT MICROCONTROLLER 1  2  3  4  5  More Toshiba Semiconductor
TMP47P206VM CMOS 4-Bit Microcontroller 1  2  3  4  5  More Toshiba Semiconductor
XA-G37 XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1  2  3  4  5  More NXP Semiconductors
PIC16LV5X EPROM-Based 8-Bit CMOS Microcontroller Series 1  2  3  4  5  More Microchip Technology
TMP88CP77F CMOS 8-BIT Microcontroller 1  2  3  4  5  More Toshiba Semiconductor
TMP47C242BN CMOS 4-BIT MICROCONTROLLER 1  2  3  4  5  More Toshiba Semiconductor
M306V5ME-XXXSP SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn