Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90495G Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part No. MB90495G
Description  16-bit Proprietary Microcontroller CMOS
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90495G Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90495G Datasheet HTML 1Page - Fujitsu Component Limited. MB90495G Datasheet HTML 2Page - Fujitsu Component Limited. MB90495G Datasheet HTML 3Page - Fujitsu Component Limited. MB90495G Datasheet HTML 4Page - Fujitsu Component Limited. MB90495G Datasheet HTML 5Page - Fujitsu Component Limited. MB90495G Datasheet HTML 6Page - Fujitsu Component Limited. MB90495G Datasheet HTML 7Page - Fujitsu Component Limited. MB90495G Datasheet HTML 8Page - Fujitsu Component Limited. MB90495G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
MB90495G Series
2
(Continued)
•Select subclock behavior (8.192 kHz)
•Minimum instruction execution time : 62.5 ns (operating with 4-MHz oscillation clock and
× 4 PLL clock)
• 16-MByte CPU memory space
•24-bit internal addressing
•External access possible through selection of 8/16-bit bus width (external bus mode)
• Optimum instruction set for controller applications
•Wealth of data types (Bit, Byte, Word, Long Word)
•Wealth of addressing modes (23 different modes)
•Enhanced signed multiply-divide instructions and RETI instruction functions
•Enhanced high-precision arithmetic employing 32-bit accumulator
• Instruction set supports high-level programming language (C) and multitasking
•Employs system stack pointer
•Enhanced indirect instructions with all pointer types
•Barrel shift instructions
• Improved execution speed
•4-byte instruction queue
• Powerful interrupt feature
•Powerful 8-level, 34-condition interrupt feature
• CPU-independent automated data forwarding
•Extended intelligent I/O service feature (EI2OS) : maximum 16 channels
• Low-power consumption (Standby) Mode
•Sleep mode (CPU operation clock stopped)
•Time-base timer mode (oscillation clock and subclock, time-base timer and watch timer only operational)
•Watch mode (subclock and watch timer only operational)
•Stop mode (oscillation clock and subclock stopped)
•CPU intermittent operation mode
• Process
•CMOS technology
• I/O Ports
•Generic I/O ports (CMOS output) : 49
•Timer
•Time-base timer, watch timer, watchdog timer : 1 channel
•8/16-bit PPG timer : four 8-bit channels, or two 16-bit channels
•16-bit reload timer : 2 channels
•16-bit I/O timer
•16-bit free-run timer : 1 channel
•16-bit input capture (ICU) : 4 channels
Generates interrupt requests by latching onto the count value of the 16-bit free-run timer with pin input
edge detection
(Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
IDT74FCT16952ATFAST CMOS 16-BIT REGISTERED TRANSCEIVER 1 2 3 4 5 MoreIntegrated Device Technology
TMP87C841NCMOS 8-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
TMP47P206VMCMOS 4-Bit Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
PIC16LV5XEPROM-Based 8-Bit CMOS Microcontroller Series 1 2 3 4 5 MoreMicrochip Technology
TMP88CP77FCMOS 8-BIT Microcontroller 1 2 3 4 5 MoreToshiba Semiconductor
TMP47C242BNCMOS 4-BIT MICROCONTROLLER 1 2 3 4 5 MoreToshiba Semiconductor
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn