Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90495G Datasheet(PDF) 57 Page - Fujitsu Component Limited.

Part # MB90495G
Description  16-bit Proprietary Microcontroller CMOS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90495G Datasheet(HTML) 57 Page - Fujitsu Component Limited.

Back Button MB90495G Datasheet HTML 53Page - Fujitsu Component Limited. MB90495G Datasheet HTML 54Page - Fujitsu Component Limited. MB90495G Datasheet HTML 55Page - Fujitsu Component Limited. MB90495G Datasheet HTML 56Page - Fujitsu Component Limited. MB90495G Datasheet HTML 57Page - Fujitsu Component Limited. MB90495G Datasheet HTML 58Page - Fujitsu Component Limited. MB90495G Datasheet HTML 59Page - Fujitsu Component Limited. MB90495G Datasheet HTML 60Page - Fujitsu Component Limited. MB90495G Datasheet HTML 61Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
MB90495G Series
57
12. CAN Controller
CAN (Controller Area Network) is a serial communications protocol conforming to CAN version 2.0 A and B.
Sending and receiving is available in standard and extended frame format.
• Can Controller Features
• The CAN controller format conforms to CAN versions 2.0 A and B.
• Sending and receiving is available in standard and extended frame format.
• Supports automated data frame formatting through remote frame reception.
• Baud rate : 10 Kbps to 1 Mbps. When using at 1 Mbps, the machine clock must be operated at 8 MHz or more.
Data Transmission Baud Rates
• Supplies 8 send/receive message buffers.
• Sending and receiving available in standard frame format (ID 11-bit) , and extended frame format (ID 29-bit) .
• Message data can be set to 0 to 8 bytes.
• Possible to configure a multi-level message buffer.
• The CAN controller has two built-in acceptance masks, each of which can be set to a different mask for reception
message IDs.
• The two acceptance masks can receive in standard or extended frame format.
• Configure four types of partial masks with full-bit compare, full-bit mask, and acceptance mask register 0/1.
Machine clock
Baud rate (Max)
16 MHz
1 Mbps
12 MHz
1 Mbps
8 MHz
1 Mbps
4 MHz
500 Kbps
2 MHz
250 Kbps


Similar Part No. - MB90495G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90495G FUJITSU-MB90495G_09 Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90495G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com