Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-B4GB1.5Z-B05 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-B4GB1.5Z-B05
Description  ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B4GB1.5Z-B05 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-B4GB1.5Z-B05 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B4GB1.5Z-B05 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B4GB1.5Z-B05 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B4GB1.5Z-B05 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B4GB1.5Z-B05 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B4GB1.5Z-B05 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B4GB1.5Z-B05 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B4GB1.5Z-B05 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B4GB1.5Z-B05 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FTR-B4 Series
5
n
REFERENCE DATA
100
80
60
40
20
0
10
20
30
40
50
60
70
80
Distribution of Operate
and Release Voltage
Nominal Voltage Multiplying Factor (%)
FTR-B4GA4.5Z
n=100
Operate
Release
100
80
60
40
20
0
10
20
30
40
50
60
70
80
Distribution of Operate
and Release Voltage
Nominal Voltage Multiplying Factor (%)
FTR-B4GB4.5Z
n=100
Operate
Release
100
80
60
40
20
0
1
2
3
4
5
Distribution of Operate
and Release Time
Time (ms)
FTR-B4GA4.5Z
n=100
Operate
Release
100
80
60
40
20
0
1
2
3
4
5
Distribution of Bounce Time
FTR-B4GA4.5Z
N=100
Operate
Release
Time (ms)
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
20
40
60
80
100
Ambient Temperature
(maximum applied voltage,
operating voltage characteristics)
Ambient Temperature (oC)
Standard type
Contact carrying
current: 0
Contact
carrying
current:
1A
Operating
voltage
(hot coil)
Operating
voltage
(cool coil)
100
80
60
40
20
0
500
100
50
10
5
100
500 1000 2000 3000 5000
Mechanical Life Test
Operation (x104)
Operating Voltage
Release Voltage
Make
Break
FBR-B4GA4.5Z
n=8
1200 operations/min.
Initial
2
1
0.5
0.3
0.2
0.1
1
2
5
10
20 30 50 100 200
Maximum Switching Power
Contact Voltage (V)
AC Resistive
DC Resistive
100
80
60
40
20
0
500
100
50
10
5
1
10
Electrical Life Test
Operation (x104)
Operating Voltage
Release Voltage
Make
Break
Initial
FTR-B4GA4.5Z
n=8
30 operations/min.
30 VAC 1A
(resistive load)
20
10
0
-10
-20
20
10
0
-10
-20
0
2
4
6
8
10
Magnetic Interference
Distance between relays I (mm)
Operating Voltage
Release Voltage
When coil
is ON
When coil
is OFF
FTR-B4GA4.5Z
n=4
Standard
type
20
10
0
-10
-20
20
10
0
-10
-20
0
2
4
6
8
10
Magnetic Interference
Distance between relays I (mm)
Operating Voltage
Release Voltage
When coil
is ON
When coil
is OFF
FTR-B4GA4.5Z
n=4
Standard
type
150
100
50
0
1
3 5 7 10
30 50 70 100
300500 700 1000
High Frequency Characteristics
Frequency (MHz)
FTR-B4GA4.5Z
n=2
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1
10
30 50 70
3 5 7
1000
100
300 500700
High Frequency Characteristics
Frequency (MHz)
FTR-B4GA4.5Z
n=2


Similar Part No. - FTR-B4GB1.5Z-B05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4GB1.5Z FUJITSU-FTR-B4GB1.5Z Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
More results

Similar Description - FTR-B4GB1.5Z-B05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Picker Components
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458 Datasheet
187Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
   Ultra Slim Inline Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com