Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATR7040 Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. ATR7040
Description  5.8 GHz WDCT Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR7040 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR7040 Datasheet HTML 1Page - ATMEL Corporation ATR7040 Datasheet HTML 2Page - ATMEL Corporation ATR7040 Datasheet HTML 3Page - ATMEL Corporation ATR7040 Datasheet HTML 4Page - ATMEL Corporation ATR7040 Datasheet HTML 5Page - ATMEL Corporation ATR7040 Datasheet HTML 6Page - ATMEL Corporation ATR7040 Datasheet HTML 7Page - ATMEL Corporation ATR7040 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Frequency Range 5 GHz to 6 GHz
P
out 25 dBm at 5.8 GHz
Gain Typically 30 dB
P
in Typically 0 dBm
V
CC 2.7V to 3.8V
Power Consumption in Power-down Mode Typically < 1 µA
Package: QFN16 3 mm
× 3 mm
Benefits
Biasing Control Extends Battery Time
Simple Input and Output Matching
Only One Single Supply Required
No High-side Switching Transistor Required
1.
Description
1.1
Process
This 5-GHz power amplifier (PA) is designed using Atmel’s Silicon-Germanium (SiGe)
process and provides high efficiency.
1.2
Circuitry
The PA, ATR7040, consists of a three-stage amplifier with a typical output power of
25 dBm. The output stage was implemented using an open-collector structure. Power
up, power down, and output level are controlled at bias control pin 6 (V
ctl).
5.8 GHz WDCT
Power Amplifier
ATR7040
4868C–DECT–05/06


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MC-7894 1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER 1  2  3  4  5  California Eastern Labs
FMPA2151 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module 1  2  3  4  Fairchild Semiconductor
2SK2595 Silicon N-Channel MOS FET UHF Power Amplifier 1  2  3  4  5  More Hitachi Semiconductor
NTLGD3502N Power MOSFET 20 V 5.8 A/4.6 A Dual N−Channel DFN6 3x3 mm Package 1  2  3  4  5  More ON Semiconductor
INA-32063 3.0 GHz Wideband Silicon RFIC Amplifier 1  2  3  4  5  More Agilent(Hewlett-Packard)
2SK2595 Silicon N-Channel MOS FET UHF Power Amplifier 1  2  3  4  5  More Renesas Technology Corp
STK011 Power amplifier 6.5W 1  List of Unclassifed Manufacturers
MB3730A 14W BTL AUDIO POWER AMPLIFIER 1  2  3  4  5  More Fujitsu Component Limited.
2SD1406 AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS 1  2  Toshiba Semiconductor
TCA1365B Power Operational Amplifier 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn