Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78XX Datasheet(PDF) 15 Page - Fairchild Semiconductor

Part # MC78XX
Description  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78XX Datasheet(HTML) 15 Page - Fairchild Semiconductor

Back Button MC78XX Datasheet HTML 11Page - Fairchild Semiconductor MC78XX Datasheet HTML 12Page - Fairchild Semiconductor MC78XX Datasheet HTML 13Page - Fairchild Semiconductor MC78XX Datasheet HTML 14Page - Fairchild Semiconductor MC78XX Datasheet HTML 15Page - Fairchild Semiconductor MC78XX Datasheet HTML 16Page - Fairchild Semiconductor MC78XX Datasheet HTML 17Page - Fairchild Semiconductor MC78XX Datasheet HTML 18Page - Fairchild Semiconductor MC78XX Datasheet HTML 19Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
MC78XX/LM78XX/MC78XXA
15
Electrical Characteristics (MC7810A)
(Refer to the test circuits. 0
°C < TJ < 125°C, Io =1A, V I = 16V, C I=0.33µF, C O=0.1µF, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ =+25°C
9.8
10
10.2
V
IO = 5mA to 1A, PO
≤ 15W
VI =12.8V to 25V
9.6
10
10.4
Line Regulation (Note1)
Regline
VI= 12.8V to 26V
IO = 500mA
-
8
100
mV
VI= 13V to 20V
-
4
50
TJ =+25 °C
VI= 12.5V to 25V
-
8
100
VI= 13V to 20V
-
3
50
Load Regulation (Note1)
Regload
TJ =+25 °C
IO = 5mA to 1.5A
-
12
100
mV
IO = 5mA to 1.0A
-
12
100
IO = 250mA to 750mA
-
5
50
Quiescent Current
IQ
TJ =+25 °C-
5.0
6.0
mA
Quiescent Current Change
∆IQ
VI = 13V to 26V, TJ=+25 °C-
-
0.5
mA
VI = 12.8V to 25V, IO = 500mA
-
-
0.8
IO = 5mA to 1.0A
-
-
0.5
Output Voltage Drift
∆V/∆T
IO = 5mA
-
-1.0
-
mV/ °C
Output Noise Voltage
VN
f = 10Hz to 100KHz
TA =+25 °C
-10
-
µV/Vo
Ripple Rejection
RR
f = 120Hz, IO = 500mA
VI = 14V to 24V
-62
-
dB
Dropout Voltage
VDrop
IO = 1A, TJ =+25°C-
2.0
-
V
Output Resistance
rO
f = 1KHz
-
17
-
m
Short Circuit Current
ISC
VI= 35V, TA =+25 °C
-
250
-
mA
Peak Current
IPK
TJ=+25 °C-
2.2
-
A


Similar Part No. - MC78XX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78XX/A ONSEMI-MC78XX/A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Fairchild Semiconductor
MC78XXAE FAIRCHILD-MC78XXAE Datasheet
246Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
MC78XXAE FAIRCHILD-MC78XXAE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
logo
Vishay Siliconix
MC78XXCT VISHAY-MC78XXCT Datasheet
88Kb / 9P
   3-Terminal Fixed Positive Voltage Regulators
29-Nov-01
logo
Fairchild Semiconductor
MC78XXE FAIRCHILD-MC78XXE Datasheet
246Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - MC78XX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com