Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX282AK Datasheet(PDF) 3 Page - Sony Corporation

Part No. ICX282AK
Description  Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX282AK Datasheet(HTML) 3 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
– 3 –
ICX282AK
Absolute Maximum Ratings
Item
VDD, VOUT,
φRG – φSUB
V
φ1α, Vφ3α – φSUB (α = A to C)
V
φ2, Vφ4, VL – φSUB
H
φ1β, Hφ2β, GND – φSUB (β = A, B)
CSUB
φSUB
VDD, VOUT,
φRG, CSUB – GND
V
φ1α, Vφ2, Vφ3α, Vφ4 – GND (α = A to C)
H
φ1β, Hφ2β – GND (β = A, B)
V
φ1α, Vφ3α – VL (α = A to C)
V
φ2, Vφ4, Hφ1β, Hφ2β, GND – VL (β = A, B)
Voltage difference between vertical clock input pins
H
φ1β – Hφ2β (β = A, B)
H
φ1β, Hφ2β – Vφ4 (β = A, B)
Against
φSUB
Against GND
Against VL
Between input
clock pins
Storage temperature
Guaranteed temperature of performance
Operating temperature
–40 to +12
–50 to +15
–50 to +0.3
–40 to +0.3
–25 to
–0.3 to +22
–10 to +18
–10 to +6.5
–0.3 to +28
–0.3 to +15
to +15
–6.5 to +6.5
–10 to +16
–30 to +80
–10 to +60
–10 to +75
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
°C
1
Ratings
Unit
Remarks
1 +24V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
+16V (Max.) is guaranteed for turning on or off power supply.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn