Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX282AK Datasheet(PDF) 2 Page - Sony Corporation

Part No. ICX282AK
Description  Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX282AK Datasheet(HTML) 2 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
– 2 –
ICX282AK
Block Diagram and Pin Configuration
(Top View)
Pin Description
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
11
12
V
φ4
V
φ3A
V
φ3B
V
φ3C
V
φ2
NC
NC
V
φ1A
V
φ1B
V
φ1C
GND
GND
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
GND
GND
13
14
15
16
17
18
19
20
21
22
23
24
VOUT
VDD
φRG
H
φ2B
H
φ1B
GND
NC
φSUB
CSUB
VL
H
φ1A
H
φ2A
1 DC bias is generated within the CCD, so that this pin should be grounded externally through a
capacitance of 0.1µF.
Signal output
Supply voltage
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
GND
Substrate clock
Substrate bias∗1
Protective transistor bias
Horizontal register transfer clock
Horizontal register transfer clock
Note)
Note)
: Photo sensor
Ye
G
Ye
G
Ye
G
Ye
G
Horizontal register
Cy
Mg
Cy
Mg
Cy
Mg
Cy
Mg
Ye
G
Ye
G
Ye
G
Ye
G
Cy
Mg
Cy
Mg
Cy
Mg
Cy
Mg
13
14
15
16
17
18
19
20
21
22
23
24
12
11
10
9
8
7
6
5
4
3
2
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn