Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FTR-B4 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. FTR-B4
Description  ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

FTR-B4 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FTR-B4 Series
3
n
SPECIFICATIONS
*1Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwith
theactualloadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,envir
onmentalconditionsandexpectedreliabilitylevels.
StandardType
LatchingType
FTR-B4-CA()Z
FTR-B4-GA()Z
FTR-B4-SA()Z
FTR-B4-CB()Z
FTR-B4-GB()Z
FTR-B4-SB()Z
Contact
Arrangement
2FormC
Contactmaterial
Goldoverlaysilveralloy
Contacttype
Bifurcatedcontact(cross-bar)
Contactresistance(initialvalue)
100mΩmaximumat6VDC1
Contactrating
30VDC1A,125VAC0.3A(resistive)
Maximumcarryingcurrent
1A
Maximumswitchingpower
62.5VA/30W
Maximumswitchingvoltage
250VAC.220VDC
Maximumswitchingcurrent
1A
Maximumswitchingload*
10mVDC,0.01mA*
Capacitance
Approximately0.7pF(betweenopencontacts)
Approximately0.7pF(adjacentcontacts)
Approximately1.0pF(betweencoilandcontacts)
Coil
Nominalpower(at20°C)
140mWupto230mW 100mWupto130mW
Operatepower(at20°C)
80mWupto130mW
57mWupto68mW
Operatingtemperature(nofrost)
-40°Cto+85°C
Timevalue Operate(atnominalvoltage,withoutbounce) 3msmaximum
3msmaximum(set)
Release(atnominalvoltage,withoutbounce) 3msmaximum
3msmaximum(reset)
Insulation
Resistance
Minimum1,000MΩ
Dielectric
strength
betweenopencontacts
1,000VAC1minute
betweenadjacentcontacts
1,000VAC1minute
betweencoilandcontacts
1,500VAC1minute
Surge
strength
betweenopencontacts
1,500V(at10x160µs)[FCCPart68]
betweenadjacentcontacts
1,500V(at10x160µs)[FCCPart68]
betweencoilandcontacts
1,500V(at10x160µs)[FCCPart68]
2,500V(at2x10µs)[Bellcore]
Life
Mechanical
50x106operations(at3Hz)
Electrical(resistiveload)
100x103ops.min.at1A,30VDC(at0.5Hz)
100x103ops.min.at0.3A,30VDC(at0.5Hz)
Vibration
resistance
Misoperation
10to55Hzatdoubleamplitudeof3mm
Endurance
10to55Hzatdoubleamplitudeof5mm
Shock
resistance
Misoperation
Min.750m/s2
Endurance
Min.1,000m/s2
Weight
Approximately1.0g


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ACT112ULTRA SMALL AUTOMOTIVE RELAY 1 2 3 Nais(Matsushita Electric Works)
DSP1-DC3VMINIATURE POWER RELAY IN DS RELAY SERIES 1 2 3 4 5 Nais(Matsushita Electric Works)
MR62DPDT Signal Relay 1 2 List of Unclassifed Manufacturers
A1381Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package 1 2 3 4 5 MoreAllegro MicroSystems
LH1540HIGH VOLTAGE PHOTO MOS RELAY 1 2 List of Unclassifed Manufacturers
RDHA710SE10A2FKRadiation Hardended Solid-State Relay with Buffered Inputs 1 2 3 4 5 MoreInternational Rectifier
C8051F300Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TPMIThermopile Sensor Module With Integrated Signal Processing 1 2 3 4 5 PerkinElmer Optoelectronics
ESD9X3.3ST5GESD Protection Diodes In Ultra Small SOD-923 Package 1 2 3 4 ON Semiconductor
RT9183Ultra Low Dropout 1.5A Linear Regulator 1 2 3 4 5 MoreRichtek Technology Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn