Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FTR-B4 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part No. FTR-B4
Description  ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

FTR-B4 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FTR-B4 Series
6
n
DIMENSIONS AND SCHEMATICS
2
3
4
1
(+)
7
6
5
(-)
8
10.6±0.3
1.5±0.2
3.2±0.2
2.2±0.22.2±0.2
0.4±0.1
7.6
3.2
2.2
8-O 0.85
0.2±0.05
3.2±0.2
2
3
4
1
(+)
7
6
5
(-)
8
10.6±0.3
1.5±0.2
3.2±0.2
2.2±0.22.2±0.2
0.4±0.1
7.6
3.2
2.2
0.8
3.2±0.3
7.4±0.3
Throughholetype
Surfacemounttype(standard)
Recommendedmountingpad
(Tolerance:±0.1mm)
Terminaldesignations
(Topviewde-energized
position)
Terminaldesignations
(Topviewde-energized
position)
Recommendedmountingpad
(Tolerance:±0.1mm)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ACT112ULTRA SMALL AUTOMOTIVE RELAY 1 2 3 Nais(Matsushita Electric Works)
DSP1-DC3VMINIATURE POWER RELAY IN DS RELAY SERIES 1 2 3 4 5 Nais(Matsushita Electric Works)
MR62DPDT Signal Relay 1 2 List of Unclassifed Manufacturers
A1381Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package 1 2 3 4 5 MoreAllegro MicroSystems
LH1540HIGH VOLTAGE PHOTO MOS RELAY 1 2 List of Unclassifed Manufacturers
RDHA710SE10A2FKRadiation Hardended Solid-State Relay with Buffered Inputs 1 2 3 4 5 MoreInternational Rectifier
C8051F300Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TPMIThermopile Sensor Module With Integrated Signal Processing 1 2 3 4 5 PerkinElmer Optoelectronics
ESD9X3.3ST5GESD Protection Diodes In Ultra Small SOD-923 Package 1 2 3 4 ON Semiconductor
RT9183Ultra Low Dropout 1.5A Linear Regulator 1 2 3 4 5 MoreRichtek Technology Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn