Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADG736L Datasheet(PDF) 10 Page - Analog Devices

Part No. ADG736L
Description  CMOS Low Voltage 2.5 OHM Dual SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADG736L Datasheet(HTML) 10 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG736L
Rev. 0 | Page 10 of 12
TERMINOLOGY
RON
Ohmic resistance between D and S.
ΔRON
On resistance match between any two channels, such as RON
maximum − RON minimum.
RFLAT (ON)
Flatness is defined as the difference between the maximum and
minimum value of on resistance as measured over the specified
analog signal range.
IS (OFF)
Source leakage current with the switch off.
ID, IS (ON)
Channel leakage current with the switch on.
VD (VS)
Analog voltage on Terminal D and Terminal S.
CS (OFF)
Off switch source capacitance.
CD, CS (ON)
On switch capacitance.
tON
Delay between applying the digital control input and the output
switching on (see Figure 13).
tOFF
Delay between applying the digital control input and the output
switching off.
tD
Off time or on time measured between the 90% points of both
switches, when switching from one address state to another (see
Figure 14).
Crosstalk
A measure of unwanted signal that is coupled through from one
channel to another as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Bandwidth
The frequency at which the output is attenuated by −3 dB.
On Response
The frequency response of the on switch.
On Loss
The voltage drop across the on switch, seen on the On Response
vs. Frequency plot (see Figure 7) as how many decibels the
signal is away from 0 dB at very low frequencies.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn