Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADG736L Datasheet(PDF) 4 Page - Analog Devices

Part No. ADG736L
Description  CMOS Low Voltage 2.5 OHM Dual SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADG736L Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADG736L
Rev. 0 | Page 4 of 12
VDD = 3 V ± 10%, GND = 0 V. All specifications −40°C to +85°C, unless otherwise noted.
Table 2.
B Version1
Parameter
25°C
−40°C to
+85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
5
5.5
Ω typ
VS = 0 V to VDD, IDS = −10 mA; see Figure 10
8
Ω max
On Resistance Match Between Channels (∆RON)
0.1
Ω typ
VS = 0 V to VDD, IDS = −10 mA
0.4
Ω max
On Resistance Flatness (RFLAT (ON))
2.5
Ω typ
VS = 0 V to VDD, IDS = −10 mA
LEAKAGE CURRENTS
VDD = 3.3 V
Source Off Leakage IS (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V; see Figure 11
±0.1
±0.3
nA max
Channel On Leakage ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V or 3 V; see Figure 12
±0.1
±0.3
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.4
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
DYNAMIC CHARACTERISTICS2
tON
14
ns typ
RL = 300 Ω, CL = 35 pF
20
ns max
VS = 2 V; see Figure 13
tOFF
6
ns typ
RL = 300 Ω, CL = 35 pF
10
ns max
VS = 2 V; see Figure 13
Break-Before-Make Time Delay, tD
7
ns typ
RL = 300 Ω, CL = 35 pF
1
ns min
VS1 = VS2 = 2 V; see Figure 14
Off Isolation
−62
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−82
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 15
Channel-to-Channel Crosstalk
−62
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−82
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 16
Bandwidth (−3 dB)
200
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 17
CS (OFF)
9
pF typ
CD, CS (ON)
32
pF typ
POWER REQUIREMENTS
VDD = 3.3 V
IDD
0.001
μA typ
Digital inputs = 0 V or 3 V
1.0
μA max
1 Temperature range is −40°C to +85°C for the B version.
2 Guaranteed by design
; not subject to production test.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn