Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V56820B Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # HY57V56820B
Description  4 Banks x 8M x 8Bit Synchronous DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V56820B Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button HY57V56820B Datasheet HTML 4Page - Hynix Semiconductor HY57V56820B Datasheet HTML 5Page - Hynix Semiconductor HY57V56820B Datasheet HTML 6Page - Hynix Semiconductor HY57V56820B Datasheet HTML 7Page - Hynix Semiconductor HY57V56820B Datasheet HTML 8Page - Hynix Semiconductor HY57V56820B Datasheet HTML 9Page - Hynix Semiconductor HY57V56820B Datasheet HTML 10Page - Hynix Semiconductor HY57V56820B Datasheet HTML 11Page - Hynix Semiconductor HY57V56820B Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
HY57V56820B(L)T
Rev. 1.4/Mar. 02
12
PACKAGE INFORMATION
400mil 54pin Thin Small Outline Package
11.938(0.4700)
11.735(0.4620)
10.262(0.4040)
10.058(0.3960)
22.327(0.8790)
22.149(0.8720)
5deg
0deg
0.597(0.0235)
0.406(0.0160)
0.210(0.0083)
0.120(0.0047)
1.194(0.0470)
0.991(0.0390)
0.80(0.0315)BSC
0.400(0.016)
0.300(0.012)
UNIT : mm(inch)
0.150(0.0059)
0.050(0.0020)


Similar Part No. - HY57V56820B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V56820CLT-6 HYNIX-HY57V56820CLT-6 Datasheet
86Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V56820CLT-8 HYNIX-HY57V56820CLT-8 Datasheet
86Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V56820CLT-H HYNIX-HY57V56820CLT-H Datasheet
86Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V56820CLT-K HYNIX-HY57V56820CLT-K Datasheet
86Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V56820CLT-P HYNIX-HY57V56820CLT-P Datasheet
86Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
More results

Similar Description - HY57V56820B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5756820C HYNIX-HY5756820C Datasheet
86Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
K4S560832A SAMSUNG-K4S560832A Datasheet
126Kb / 10P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832C SAMSUNG-K4S560832C Datasheet
113Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832B SAMSUNG-K4S560832B Datasheet
131Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832D SAMSUNG-K4S560832D Datasheet
118Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V658020B HYNIX-HY57V658020B Datasheet
146Kb / 12P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
KM48S16030 SAMSUNG-KM48S16030 Datasheet
116Kb / 10P
   4M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com