Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2954-50-T92-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LM2954-50-T92-K
Description  300 mA LOW-DROPOUT VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2954-50-T92-K Datasheet(HTML) 2 Page - Unisonic Technologies

  LM2954-50-T92-K Datasheet HTML 1Page - Unisonic Technologies LM2954-50-T92-K Datasheet HTML 2Page - Unisonic Technologies LM2954-50-T92-K Datasheet HTML 3Page - Unisonic Technologies LM2954-50-T92-K Datasheet HTML 4Page - Unisonic Technologies LM2954-50-T92-K Datasheet HTML 5Page - Unisonic Technologies LM2954-50-T92-K Datasheet HTML 6Page - Unisonic Technologies LM2954-50-T92-K Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM2954
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R102-002.E
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-223
33:3.3V
50:5.0V
12
3
LM2954
VOLTAGE
CODE
DATE
CODE
LEAD
PLATING
TO-92
3.3:3.3V
5.0:5.0V
UTC
LM2954
1
DATA CODE
VOLTAGE
CODE
LEAD
PLATING
3.3:3.3V
5.0:5.0V
UTC
DATA CODE
2954
VOLTAGE CODE
LEAD PLATING
SOP-8/DIP-8
ADJ
UTC
DATA CODE
LM 2954
LEAD PLATING


Similar Part No. - LM2954-50-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2954-XX-AA3-R UTC-LM2954-XX-AA3-R Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-D08-T UTC-LM2954-XX-D08-T Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-S08-R UTC-LM2954-XX-S08-R Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-S08-T UTC-LM2954-XX-S08-T Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-T92-B UTC-LM2954-XX-T92-B Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LM2954-50-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com