Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSHF5410 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. TSHF5410
Description  High Speed Infrared Emitting Diode in T-1 3/4 Package
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

TSHF5410 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSHF5410
Document Number 81303
Rev. 1.1, 26-Oct-06
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics
Tamb = 25 °C unless otherwise specified
Figure 3. Pulse Forward Current vs. Pulse Duration
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Radiant Intensity vs. Forward Current
100
1000
0.01
0.1
1.0
10
100
t
P - Pulse Duration (ms)
16031
t
P/T = 0.01
0.05
0.2
0.5
0.1
0.02
T
amb < 50°
18873
1000
100
10
1
V
F - Forward Voltage (V)
02
4
t
P = 100 µs
t
P/T = 0.001
13
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
18220
I
F - Forward Current (mA)
Figure 6. Radiant Power vs. Forward Current
Figure 7. Relative Radiant Power vs. Wavelength
Figure 8. Relative Radiant Intensity vs. Angular Displacement
0.1
1.0
10.0
100.0
1000.0
110
100
1000
16971
IF - Forward Current (mA)
800
900
λ - Wavelength (nm)
1000
20082
0
0.25
0.5
0.75
1.0
1.25
94 8883
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.6
0.4
0.2
0
0.2
0.4


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TSAL5100High Power Infrared Emitting Diode 950 nm GaAlAs/GaAs 1 2 3 4 5 MoreVishay Siliconix
TSMF3700GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package 1 2 3 4 5 MoreVishay Siliconix
TSML1000High Power Infrared Emitting Diode 950 nm GaAlAs/GaAs 1 2 3 4 5 MoreVishay Siliconix
CQY36NGaAs Infrared Emitting Diode in Miniature T-3/4 Package 1 2 3 4 5 MoreVishay Siliconix
IR7393C5mm Infrared LED T-1 3/4 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
HIR3335mm Infrared LED T-1 3/4 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
OPR2800Infrared Light Emitting Diode 1 2 OPTEK Technologies
SEP8506GaAs Infrared Emitting Diode 1 2 3 4 Honeywell Solid State Electronics Center
NJL6201R-1HIGH SPEED PIN PHOTO DIODE 1 2 3 4 5 MoreNew Japan Radio
TS41480.3 AMPS High Speed Switching Diode 1 2 3 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn