Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSHF5410 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. TSHF5410
Description  High Speed Infrared Emitting Diode in T-1 3/4 Package
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

TSHF5410 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSHF5410
Document Number 81303
Rev. 1.1, 26-Oct-06
Vishay Semiconductors
www.vishay.com
1
94 8390
e2
High Speed Infrared Emitting Diode in T-1¾ Package
Description
TSHF5410 is a high speed infrared emitting diode in
GaAlAs double hetero (DH) technology, molded in a
clear, untinted plastic package.
TSHF5410 combines high speed with high radiant
power at wavelength of 890 nm.
Features
• High modulation bandwidth
• Extra high radiant power and radiant
intensity
• Low forward voltage
• Suitable for high pulse current operation
• Standard package T-1¾ (
∅ 5 mm)
• Angle of half intensity
ϕ = ± 22°
• Peak wavelength
λ
p = 890 nm
• High reliability
• Good spectral matching to Si photodetectors
• Lead (Pb)-free component
• Component in accordance with RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
Infrared high speed remote control and free air data
transmission systems with high modulation frequen-
cies or high data transmission rate requirements.
TSHF5410 is ideal for the design of transmission sys-
tems according to IrDA requirements and for carrier
frequency based systems (e.g. ASK / FSK - coded,
450 kHz or 1.3 MHz).
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Remarks
TSHF5410
MOQ: 4000 pcs
Parameter
Test condition
Symbol
Value
Unit
Reverse Voltage
VR
5V
Forward Current
IF
100
mA
Peak Forward Current
tp/T = 0.5, tp = 100 µs
IFM
200
mA
Surge Forward Current
tp = 100 µs
IFSM
1.5
A
Power Dissipation
PV
180
mW
Junction Temperature
Tj
100
°C
Operating Temperature Range
Tamb
- 40 to + 85
°C
Storage Temperature Range
Tstg
- 40 to + 100
°C
Soldering Temperature
t
≤ 5 sec, 2 mm from case
Tsd
260
°C
Thermal Resistance Junction/
Ambient
RthJA
270
K/W


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TSAL5100High Power Infrared Emitting Diode 950 nm GaAlAs/GaAs 1 2 3 4 5 MoreVishay Siliconix
TSMF3700GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package 1 2 3 4 5 MoreVishay Siliconix
TSML1000High Power Infrared Emitting Diode 950 nm GaAlAs/GaAs 1 2 3 4 5 MoreVishay Siliconix
CQY36NGaAs Infrared Emitting Diode in Miniature T-3/4 Package 1 2 3 4 5 MoreVishay Siliconix
IR7393C5mm Infrared LED T-1 3/4 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
HIR3335mm Infrared LED T-1 3/4 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
OPR2800Infrared Light Emitting Diode 1 2 OPTEK Technologies
SEP8506GaAs Infrared Emitting Diode 1 2 3 4 Honeywell Solid State Electronics Center
NJL6201R-1HIGH SPEED PIN PHOTO DIODE 1 2 3 4 5 MoreNew Japan Radio
TS41480.3 AMPS High Speed Switching Diode 1 2 3 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn