Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D106X-016B2T Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 595D106X-016B2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D106X-016B2T Datasheet(HTML) 6 Page - Vishay Siliconix

  595D106X-016B2T Datasheet HTML 1Page - Vishay Siliconix 595D106X-016B2T Datasheet HTML 2Page - Vishay Siliconix 595D106X-016B2T Datasheet HTML 3Page - Vishay Siliconix 595D106X-016B2T Datasheet HTML 4Page - Vishay Siliconix 595D106X-016B2T Datasheet HTML 5Page - Vishay Siliconix 595D106X-016B2T Datasheet HTML 6Page - Vishay Siliconix 595D106X-016B2T Datasheet HTML 7Page - Vishay Siliconix 595D106X-016B2T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 04-Sep-06
83
595D
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
Vishay Sprague
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(Ohms)
MAX. RIPPLE
100 kHz
Irms
(Amps)
35 WVDC AT + 85 °C, SURGE = 46 V . . . 23 WVDC AT + 125 °C, SURGE = 28 V
0.33
T
595D334X_035T2T
0.5
4
14.4
0.05
0.47
A
595D474X_035A2T
0.5
4
4.3
0.13
0.68
A
595D684X_035A2T
0.5
4
4.2
0.13
1.0
A
595D105X_035A2T
0.5
4
4.1
0.13
1.5
A
595D155X_035A2T
0.5
6
3.8
0.14
1.5
B
595D155X_035B2T
0.5
6
2.8
0.17
2.2
B
595D225X_035B2T
0.8
6
2.3
0.19
3.3
C
595D335X_035C2T
1.2
6
0.75
0.38
4.7
B
595D475X_035B2T
1.6
6
2.2
0.19
4.7
C
595D475X_035C2T
1.6
6
0.66
0.41
6.8
C
595D685X_035C2T
2.4
6
0.63
0.42
10
D
595D106X_035D2T
3.5
6
0.43
0.59
15
C
595D156X_035C2T
5.3
6
0.60
0.43
15
D
595D156X_035D2T
5.3
6
0.41
0.60
22
D
595D226X_035D2T
7.7
6
0.32
0.68
22
R
595D226X_035R2T
7.7
6
0.28
0.94
33
R
595D336X_035R2T
11.6
6
0.28
0.94
47
R
595D476X_035R2T
16.5
6
0.28
0.94
50 WVDC AT + 85 °C, SURGE = 65 V . . . 33 WVDC AT + 125 °C, SURGE = 38 V
0.10
T
595D104X_050T2T
0.5
4
22.5
0.04
0.15
T
595D154X_050T2T
0.5
4
18.0
0.04
0.22
T
595D224X_050T2T
0.5
4
15.3
0.04
0.33
A
595D334X_050A2T
0.5
4
8.1
0.09
0.47
A
595D474X_050A2T
0.5
4
7.2
0.10
0.68
A
595D684X_050A2T
0.5
4
6.1
0.11
0.68
B
595D684X_050B2T
0.5
4
5.4
0.12
1.0
B
595D105X_050B2T
0.5
4
5.0
0.13
1.5
C
595D155X_050C2T
0.8
6
1.8
0.25
2.2
B
595D225X_050B2T
1.1
6
3.2
0.16
2.2
C
595D225X_050C2T
1.1
6
1.7
0.25
3.3
C
595D335X_050C2T
1.7
6
1.6
0.26
4.7
C
595D475X_050C2T
2.4
6
1.4
0.28
6.8
C
595D685X_050C2T
3.4
6
1.3
0.29
6.8
D
595D685X_050D2T
3.4
6
0.82
0.43
10
D
595D106X_050D2T
5.0
6
0.80
0.43
10
R
595D106X_050R2T
5.0
6
0.65
0.62
15
R
595D156X_050R2T
7.5
6
0.40
0.79
22
R
595D226X_050R2T
11.0
6
0.39
0.80
* Preliminary values, contact factory for availability. For 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".


Similar Part No. - 595D106X-016B2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D106X0010A2T VISHAY-595D106X0010A2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D106X0010A2T VISHAY-595D106X0010A2T Datasheet
135Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT
Revision: 08-Jan-13
595D106X0010A2T VISHAY-595D106X0010A2T Datasheet
523Kb / 13P
   Solid Tantalum Chip Capacitors
Revision: 16-Dec-05
logo
Texas Instruments
595D106X0010A2T TI1-595D106X0010A2T Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Vishay Siliconix
595D106X0010A2W VISHAY-595D106X0010A2W Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
More results

Similar Description - 595D106X-016B2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D475X0050C2T VISHAY-594D475X0050C2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D227X0010D2T VISHAY-594D227X0010D2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com