Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A7240 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # A7240
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A7240 Datasheet(HTML) 1 Page - Unisonic Technologies

  A7240 Datasheet HTML 1Page - Unisonic Technologies A7240 Datasheet HTML 2Page - Unisonic Technologies A7240 Datasheet HTML 3Page - Unisonic Technologies A7240 Datasheet HTML 4Page - Unisonic Technologies A7240 Datasheet HTML 5Page - Unisonic Technologies A7240 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
A7240
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R107-048,A
20W BRIDGE AMPLIFIER FOR
CAR RADIO
DESCRIPTION
The UTC A7240 is a 20W bridge audio amplifier IC and designed
for car radio applications.
A comprehensive array of on-chip protection, include protection
against AC and DC output short circuits (to ground and across the
load), load dump transients, and junction over temperature, is
feature to provide reliable operation. Furthermore, the UTC A7240
protects the loudspeaker when one output is short-circuited to
ground.
FEATURES
* Few External Components
* Output Protected Against short Circuits to Ground and Across
Load
* Dump Transient
* Thermal Shutdown
* Loudspeaker Protection
* High Current Capability
* Low Distortion/Low Noise
TO-220Z7
1
*Pb-free plating product number: A7240L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
A7240-TB7-T
A7240L-TB7-T
TO-220Z7
Tube
A7240L-TB7-T
(1)Packing Type
(3)Lead Plating
(2)Package Type
(1) T: Tube
(2) TB7: TO-220Z7
(3) Lead Free Plating, Blank: Pb/Sn


Similar Part No. - A7240

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A7240 AITSEMI-A7240 Datasheet
463Kb / 9P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
logo
Unisonic Technologies
A7240G-TB7-T UTC-A7240G-TB7-T Datasheet
195Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240L-TB7-T UTC-A7240L-TB7-T Datasheet
195Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
AiT Semiconductor Inc.
A7240MP8R AITSEMI-A7240MP8R Datasheet
463Kb / 9P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
A7240MP8VR AITSEMI-A7240MP8VR Datasheet
463Kb / 9P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
More results

Similar Description - A7240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
PA2005 UTC-PA2005_15 Datasheet
522Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
NTE Electronics
NTE1396 NTE-NTE1396 Datasheet
23Kb / 3P
   Integrated Circuit 20W Bridge Booster for Car Radio
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
   DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com