Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRL3705NSPBF Datasheet(PDF) 1 Page - International Rectifier

Part No. IRL3705NSPBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3705NSPBF Datasheet(HTML) 1 Page - International Rectifier

  IRL3705NSPBF Datasheet HTML 1Page - International Rectifier IRL3705NSPBF Datasheet HTML 2Page - International Rectifier IRL3705NSPBF Datasheet HTML 3Page - International Rectifier IRL3705NSPBF Datasheet HTML 4Page - International Rectifier IRL3705NSPBF Datasheet HTML 5Page - International Rectifier IRL3705NSPBF Datasheet HTML 6Page - International Rectifier IRL3705NSPBF Datasheet HTML 7Page - International Rectifier IRL3705NSPBF Datasheet HTML 8Page - International Rectifier IRL3705NSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRL3705NSPbF
IRL3705NLPbF
HEXFET® Power MOSFET
PD - 95381
l
Advanced Process Technology
l
Surface Mount (IRL3705NS)
l
Low-profile through-hole (IRL3705NL)
l
175°C Operating Temperature
l
Fast Switching
l
Fully Avalanche Rated
l
Lead-Free
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRL3705NL) is available for low-
profile applications.
Description
VDSS = 55V
RDS(on) = 0.01Ω
ID = 89A†
2
D Pak
TO-262
S
D
G
06/08/04
l
Logic-Level Gate Drive
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.90
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
89†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
63
A
IDM
Pulsed Drain Current …
310
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
170
W
Linear Derating Factor
1.1
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy‚…
340
mJ
IAR
Avalanche Current
46
A
EAR
Repetitive Avalanche Energy
1.7
mJ
dv/dt
Peak Diode Recovery dv/dt ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C


Similar Part No. - IRL3705NSPBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
303Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRL3705NSPBF IRF-IRL3705NSPBF_15 Datasheet
303Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRL3705NSPBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRL3714Z IRF-IRL3714Z Datasheet
366Kb / 12P
   HEXFET Power MOSFET
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
   HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
   HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
   HEXFET Power MOSFET
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
KRF7494 KEXIN-KRF7494 Datasheet
68Kb / 2P
   HEXFET Power MOSFET
KRF7325 KEXIN-KRF7325 Datasheet
66Kb / 2P
   HEXFET Power MOSFET
KRF7509 KEXIN-KRF7509 Datasheet
83Kb / 3P
   HEXFET Power MOSFET
KRF8910 KEXIN-KRF8910 Datasheet
66Kb / 2P
   HEXFET Power MOSFET
Estek Electronics Co. Ltd
Estek Electronics Co. L...
E44N ESTEK-E44N Datasheet
108Kb / 2P
   HEXFET Power MOSFET
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz