Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRL3705NSPBF Datasheet(PDF) 6 Page - International Rectifier

Part No. IRL3705NSPBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3705NSPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRL3705NSPBF Datasheet HTML 2Page - International Rectifier IRL3705NSPBF Datasheet HTML 3Page - International Rectifier IRL3705NSPBF Datasheet HTML 4Page - International Rectifier IRL3705NSPBF Datasheet HTML 5Page - International Rectifier IRL3705NSPBF Datasheet HTML 6Page - International Rectifier IRL3705NSPBF Datasheet HTML 7Page - International Rectifier IRL3705NSPBF Datasheet HTML 8Page - International Rectifier IRL3705NSPBF Datasheet HTML 9Page - International Rectifier IRL3705NSPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRL3705NS/LPbF
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
5.0 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
0
200
400
600
800
25
50
75
100
125
150
175
J
A
Starting T , Junction Temperature (°C)
V
= 25V
I
TOP
19A
33A
BOTTOM
46A
DD
D
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
10V


Similar Part No. - IRL3705NSPBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
303Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRL3705NSPBF IRF-IRL3705NSPBF_15 Datasheet
303Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRL3705NSPBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRL3714Z IRF-IRL3714Z Datasheet
366Kb / 12P
   HEXFET Power MOSFET
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
   HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
   HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
   HEXFET Power MOSFET
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
KRF7494 KEXIN-KRF7494 Datasheet
68Kb / 2P
   HEXFET Power MOSFET
KRF7325 KEXIN-KRF7325 Datasheet
66Kb / 2P
   HEXFET Power MOSFET
KRF7509 KEXIN-KRF7509 Datasheet
83Kb / 3P
   HEXFET Power MOSFET
KRF8910 KEXIN-KRF8910 Datasheet
66Kb / 2P
   HEXFET Power MOSFET
Estek Electronics Co. Ltd
Estek Electronics Co. L...
E44N ESTEK-E44N Datasheet
108Kb / 2P
   HEXFET Power MOSFET
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz