Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVU145 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. HVU145
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVU145 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVU145 Datasheet HTML 1Page - Renesas Technology Corp HVU145 Datasheet HTML 2Page - Renesas Technology Corp HVU145 Datasheet HTML 3Page - Renesas Technology Corp HVU145 Datasheet HTML 4Page - Renesas Technology Corp HVU145 Datasheet HTML 5Page - Renesas Technology Corp HVU145 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HVU145
Rev.2.00 Dec 07, 2004 page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
60
V
Forward current
IF
50
mA
Power dissipation
Pd
150
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR
100
nA
VR = 60 V
Forward voltage
VF
0.9
V
IF = 2 mA
Capacitance
C
0.45
pF
VR = 1 V, f = 1 MHz
Forward resistance
rf
1.8
IF = 10 mA, f = 100 MHz
ESD-Capability *
1
100
V
C = 200 pF, R = 0
Ω, Both forward
and reverse direction 1 pulse.
Note
: 1. Failure criterion ; I
R > 100 nA at VR = 60 V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn