Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVU145 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. HVU145
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVU145 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVU145 Datasheet HTML 1Page - Renesas Technology Corp HVU145 Datasheet HTML 2Page - Renesas Technology Corp HVU145 Datasheet HTML 3Page - Renesas Technology Corp HVU145 Datasheet HTML 4Page - Renesas Technology Corp HVU145 Datasheet HTML 5Page - Renesas Technology Corp HVU145 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00 Dec 07, 2004 page 1 of 5
HVU145
Silicon Epitaxial Planar Pin Diode for Antenna Switching
REJ03G0437-0200
(Previous: ADE-208-1508A)
Rev.2.00
Dec 07, 2004
Features
• An optimal solution for antenna switching in mobile phones.
• Low capacitance. (C =0.45 pF max)
• Low forward resistance. (rf = 1.8 Ω max)
• Ultra small Resin Package (URP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVU145
T5
URP
Pin Arrangement
Cathode mark
Mark
1
2
T5
1. Cathode
2. Anode


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn